Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MM04C20R0FTL Arkusz danych(PDF) 6 Page - WALSIN TECHNOLOGY CORPORATION

Numer części MM04C20R0FTL
Szczegółowy opis  Automotive Thin Film MELF Resistors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Strona internetowa  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

MM04C20R0FTL Arkusz danych(HTML) 6 Page - WALSIN TECHNOLOGY CORPORATION

Back Button MM04C20R0FTL Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION MM04C20R0FTL Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION MM04C20R0FTL Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION MM04C20R0FTL Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION MM04C20R0FTL Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION MM04C20R0FTL Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION MM04C20R0FTL Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION MM04C20R0FTL Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION MM04C20R0FTL Datasheet HTML 10Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Approval sheet
Page 6 of 11
ASC_MMxxB&C
AUG - 2018
CATALOGUE NUMBERS
The resistors have a catalogue number starting with .
MM07
C
xxxx
B
T
L
Size code
MM07: 0207
MM04: 0204
TCR
B: 50 ppm
C: 25 ppm
Resistance code
102
Ω
=1020
37.4K
Ω
=3742
220
Ω
=2200
20
Ω
=20R0
0.1
Ω
=R100
0.033
Ω
=R033
Tolerance
F :
±1.0%
D ::
±0.5%
C :
±0.25%
B :
±0.1%
Packaging code
T : Taped & Reeled
Termination code
L : Sn base
(Lead Free)
1. Reeled tape packaging: 12mm width plastic taping for MM07.
2. Reeled tape packaging: 8mm width plastic taping for MM04.
2,000pcs/reel for MM07.
3,000pcs/reel for MM04.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com