Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MM04C20R0FTL Arkusz danych(PDF) 7 Page - WALSIN TECHNOLOGY CORPORATION

Numer części MM04C20R0FTL
Szczegółowy opis  Automotive Thin Film MELF Resistors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Strona internetowa  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

MM04C20R0FTL Arkusz danych(HTML) 7 Page - WALSIN TECHNOLOGY CORPORATION

Back Button MM04C20R0FTL Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION MM04C20R0FTL Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION MM04C20R0FTL Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION MM04C20R0FTL Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION MM04C20R0FTL Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION MM04C20R0FTL Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION MM04C20R0FTL Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION MM04C20R0FTL Datasheet HTML 10Page - WALSIN TECHNOLOGY CORPORATION MM04C20R0FTL Datasheet HTML 11Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Approval sheet
Page 7 of 11
ASC_MMxxB&C
AUG - 2018
TEST AND REQUIREMENTS
TEST
PROCEDURE
REQUIREMENT
Resistor
Electrical Characteristics
IEC 60115-1 4.8
- DC resistance values measurement
- Temperature Coefficient of Resistance (T.C.R)
Natural
resistance
change
per
change
in
degree
centigrade.
(
)
6
1
2
1
1
2
10
×
−
−
t
t
R
R
R
(ppm/
°C) t
1 : 20°C+5°C-1°C
R1 : Resistance at reference temperature (20°C+5°C/-
1°C)
R2 : Resistance at test temperature (-55°C or +125°C)
Within the specified tolerance
Short time Over Load
(S.T.O.L)
IEC60115-1 4.13
Permanent resistance change after a 5second application
of a voltage 2.5 times RCWV or the maximum overload
voltage specified in the above list, whichever is less.
∆R/R max. ±(0.1%+0.02Ω)
Resistance to
heat soldering (R.S.H)
AEC -Q200-15
Un-mounted chips completely immersed for 10±1second
in a SAC solder bath at 260℃±5ºC
no visible damage
∆ R/R max. ±(0.1%+0.02Ω)
Solderability
IEC-60115-1 4.17
Un-mounted chips completely immersed for 2±0.5 second
in a SAC solder bath at 235℃±5℃
good tinning (>95% covered)
no visible damage
Thermal Shock
MIL-STD-202 Method 107
Test -55 to 125℃/ dwell time 15min/ Max transfer time
20sec 1000 cycles
no visible damage
∆R/R max. ±(0.25%+0.02Ω)
Bias Humidity
AEC -Q200-7
1000 +48/-0 hours, loaded with 10% rated power in
humidity chamber controller at +85℃/ 85%RH
∆R/R max. ±(0.25%+0.02Ω)
Load Life
IEC60115-1 4.25
1000 +48/-0 hours, loaded with RCWV or Vmax in
chamber controller 70±2ºC, 1.5 hours on and 0.5 hours off
∆R/R max. ±(0.10%+0.02Ω)
Operational Life
AEC -Q200-8
MIL-STD-202 -108
1000
hours
at
125±2°C,
loaded
with
rated
power
continuously
∆R/R max. ±(0.15%+0.02Ω)
High Temperature
Exposure
AEC -Q200-3
1000 hours @ 125℃, un-powered
∆R/R max. ±(0.25%+0.02Ω)
Moisture Resistance
AEC -Q200-6
MIL-STD-202 Method 106
65
±2°C, 80~100% RH, 10 cycles, 24 hours/ cycle
∆R/R max. ±(0.1%+0.02Ω)
Mechanical Shock
MIL-STD-202 Method 213
1/2 Sine Pulse / 1500g Peak / Velocity 15.4ft/sec
∆R/R max. ±(0.1%+0.02Ω)
Vibration
MIL-STD-202 Method 204
5 g's for 20 min , 12 cycles each of 3 orientations
∆R/R max. ±(0.1%+0.02Ω)
Terminal strength
AEC -Q200-6
1.8 kg for 60s
No broken
Board flex
AEC -Q200-005
Bending 2mm for 60 sec
∆R/R max. ±(0.1%+0.02Ω)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com