Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MM04C20R0FTL Arkusz danych(PDF) 3 Page - WALSIN TECHNOLOGY CORPORATION

Numer części MM04C20R0FTL
Szczegółowy opis  Automotive Thin Film MELF Resistors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Strona internetowa  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

MM04C20R0FTL Arkusz danych(HTML) 3 Page - WALSIN TECHNOLOGY CORPORATION

  MM04C20R0FTL Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION MM04C20R0FTL Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION MM04C20R0FTL Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION MM04C20R0FTL Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION MM04C20R0FTL Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION MM04C20R0FTL Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION MM04C20R0FTL Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION MM04C20R0FTL Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION MM04C20R0FTL Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Approval sheet
Page 3 of 11
ASC_MMxxB&C
AUG - 2018
QUICK REFERENCE DATA
Item
General Specification
Series No.
MM07B
MM07C
MM04B
MM04C
Size code
0207 ( 6123 )
0204 ( 3715 )
Resistance Tolerance
±1% ,±0.5%, ±0.25%, ±0.1%
Resistance Range
11
Ω ~ 100KΩ
10
Ω ~ 50KΩ
TCR (ppm/
°C)
±50ppm/
°C
±25ppm/
°C
±50ppm/
°C
±25ppm/
°C
Max. dissipation at Tamb=70
°C
1/2W
1/4W
Max. Operating Voltage (DC or RMS)
350V
200V
Max. Overload Voltage (DC or RMS)
700V
400V
Operating temperature
- 55 ~ +155 ℃
Note :
1.
This is the maximum voltage that may be continuously supplied to the resistor element, see “IEC publication
60115-8”
2.
Max. Operation Voltage : So called RCWV (Rated Continuous Working Voltage) is determined by
Value
Resistance
Power
Rated
RCWV
×
=
or Max. RCWV listed above, whichever is lower.
DIMENSIONS :( unit:mm)
Type
0207
0204
L
5.90±
±±
±0.20
3.50±
±±
±0.10
D
2.20±
±±
±0.10
1.40±
±±
±0.15
K
1.40±
±±
±0.10
0.90±
±±
±0.10
Weight (g)
1000pcs
87.81
22.34
K
L
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11