| Zakładka z wyszukiwarką danych komponentów |
|
MM04C20R0FTL Arkusz danych(PDF) 2 Page - WALSIN TECHNOLOGY CORPORATION |
|
|
|||||||||||||||||||||||||||||
MM04C20R0FTL Arkusz danych(HTML) 2 Page - WALSIN TECHNOLOGY CORPORATION |
|
2 / 11 page ![]() Approval sheet Page 2 of 11 ASC_MMxxB&C AUG - 2018 FEATURE 1. High Reliability Tantalum Nitride Thin Film MELF Resistor. 2. AEC-Q200 Qualified 3. Products with lead free terminations meet RoHS requirements 4. Best in class pulse load capability 5. +/-0.1% is upon the customer request. APPLICATION • Automotive electronics • Medical equipment • Measuring instrument • Industrial DESCRIPTION The resistors are constructed in a high grade ceramic body (aluminum oxide). external metal electrodes are added at both end and connected by a resistive layer that is applied to the metallised rods. The composition of the resistive layer is adjusted to give the approximate resistance required and the value is trimmed to nominated value within tolerance which controlled by laser trimming of this resistive layer. The resistive film is covered by epoxy molding compound designed for electrical, mechanical and climatic protection,and color code rings designate the resistance value. Finally, the two external end terminations are added nickel plating and tin. For environmental soldering issue, the outer layer of these end terminations is a Lead-free solder . Fig 1. Construction of MELF |