Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SC3200 Arkusz danych(PDF) 417 Page - Advanced Micro Devices

Numer części SC3200
Szczegółowy opis  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AMD [Advanced Micro Devices]
Strona internetowa  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Arkusz danych(HTML) 417 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 413Page - Advanced Micro Devices SC3200 Datasheet HTML 414Page - Advanced Micro Devices SC3200 Datasheet HTML 415Page - Advanced Micro Devices SC3200 Datasheet HTML 416Page - Advanced Micro Devices SC3200 Datasheet HTML 417Page - Advanced Micro Devices SC3200 Datasheet HTML 418Page - Advanced Micro Devices SC3200 Datasheet HTML 419Page - Advanced Micro Devices SC3200 Datasheet HTML 420Page - Advanced Micro Devices SC3200 Datasheet HTML 421Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 417 / 447 page
background image
AMD Geode™ SC3200 Processor Data Book
417
Electrical Specifications
Revision 5.1
Figure 9-36. Device Terminating an UltraDMA Data Out Burst Timing Diagram
IDE_DATA[15:0]
(host)
IDE_CS[0:1]#
IDE_ADDR[2:0]
CR
tACK
tDVH
tDVS
tRFS
tACK
tIORDZ
tACK
tMLI
tLI
tRP
tMLI
tLI
IDE_IOR0#
(HSTROBE0#)
(host)
IDE_IORDY0#
(DDMARDY0#)
(device)
IDE_DREQ0
(device)
IDE_DACK0
(host)
IDE_IOW0# (STOP0#)
(host)
Note:
The definitions for the IDE_IOW[0:1]# (STOP[0:1]#), IDE_IORDY[0:1]# (DDMARDY[0:1]#) and IDE_IOR[0:1]#
(HSTROBE[0:1]#) signal lines are no longer in effect after IDE_DREQ[0:1] and IDE_DACK[0:1]# are de-asserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More