Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CTRL_MEAS Arkusz danych(PDF) 9 Page - Omron Electronics LLC

Numer części CTRL_MEAS
Szczegółowy opis  Digital Barometric Pressure Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  OMRON [Omron Electronics LLC]
Strona internetowa  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CTRL_MEAS Arkusz danych(HTML) 9 Page - Omron Electronics LLC

Back Button CTRL_MEAS Datasheet HTML 5Page - Omron Electronics LLC CTRL_MEAS Datasheet HTML 6Page - Omron Electronics LLC CTRL_MEAS Datasheet HTML 7Page - Omron Electronics LLC CTRL_MEAS Datasheet HTML 8Page - Omron Electronics LLC CTRL_MEAS Datasheet HTML 9Page - Omron Electronics LLC CTRL_MEAS Datasheet HTML 10Page - Omron Electronics LLC CTRL_MEAS Datasheet HTML 11Page - Omron Electronics LLC CTRL_MEAS Datasheet HTML 12Page - Omron Electronics LLC CTRL_MEAS Datasheet HTML 13Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
[2SMPB-02E] Datasheet Rev.05(Jun.,2017)
9
Copyright 2017 OMRON Corporation. All Rights Reserved.
4. Operations
4.1 Communication Mode
This sensor is corresponding to I²C and SPI communication.
Digital interface terminal functions for each communication mode are as below.
Communication mode
CSB
SDI
SCK
SDO
Remark
I²C
VDDIO
SDA
SCL
GND/VDDIO
SDO=GND
→70h、SDO=VDDIO→56h
SPI
3 Wires
CSB
SDI/O
SCK
-
spi3w Register = 1
SPI
4 Wires
CSB
SDI
SCK
SDO
spi3w Register = 0
When changing the communication mode, also see Typical Connection Diagram section.
1)
I²C mode becomes effective by pulling CSB up to VDDIO.
2)
SPI mode becomes effective by pulling CSB down to GND.
3)
Once CSB is pulled down, SPI mode would not be changed unless otherwise Power on Reset (POR) or Asyn-
chronous Reset. Switching between SPI 3-Wire mode and SPI 4-Wire mode can be configured with the register
value
of “spi3w”. Refer to IO_SETUP register section for more detail.
4)
Default mode after POR or Asynchronous Reset will be I²C mode.
4.2 Power Mode
This sensor has three power modes and it can be switched by setting CTRL_MEAS register.
Refer to the
“CTRL_MEAS” register section for more detail.
・
Sleep mode
・
Normal mode
・
Forced mode
Transition diagram for each mode is as follows.
1)
Sleep Mode (Power Reduction Mode)
No measurements are performed.
I²C/SPI interface and each register can be accessed even if the sensor is in sleep mode.
2)
Forced Mode
In case of Forced Mode, a single measurement is performed. When the set up measurement is finished,
the sensor returns to Sleep Mode after storing the measurement data to the register.
3)
Normal Mode
In case of Normal Mode, the measurements are performed repeatedly between a measurement period and
a standby period.
The standby time can be configured
by “t_stanby[1:0]” register. Be sure to consider
that the data must be read from the master side after a Normal Mode.
Power ON
POR
Down load OTP
Sleep Mode
Normal Mode
Forced Mode
Asynchronous Reset
(Reset [ 7 : 0 ] = E6h
Power_mode[1:0]=11
Power_mode[1:0]=00
Power_mode[1:0]=01 or 10
Power_mode[1:0]=01 or 10
P
ow er on
Pow er Off ・・
・・・・
Read COE_**
pow er_mode[1:0] = 01 or 10
pow er_mode[1:0] = 01 or 10
Temperature Measurement x temp_av erage[2:0]
Pressure Measurement x temp_av erage[2:0]
Temperature Measurement x temp_av erage[2:0]
sleep
sleep
POR
Dow nload OTP
P
ow er on
Pow er Off ・・
・・・・
Read COE_**
pow er_mode[1:0] = 11
sleep
Temperature Measurement x temp_av erage[2:0]
t_stanby [s]
POR
Dow nload OTP
sleep
Temperature Measurement x temp_av erage[2:0]
Pressure Measurement x temp_av erage[2:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com