Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CTRL_MEAS Arkusz danych(PDF) 18 Page - Omron Electronics LLC

Numer części CTRL_MEAS
Szczegółowy opis  Digital Barometric Pressure Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  OMRON [Omron Electronics LLC]
Strona internetowa  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CTRL_MEAS Arkusz danych(HTML) 18 Page - Omron Electronics LLC

Back Button CTRL_MEAS Datasheet HTML 14Page - Omron Electronics LLC CTRL_MEAS Datasheet HTML 15Page - Omron Electronics LLC CTRL_MEAS Datasheet HTML 16Page - Omron Electronics LLC CTRL_MEAS Datasheet HTML 17Page - Omron Electronics LLC CTRL_MEAS Datasheet HTML 18Page - Omron Electronics LLC CTRL_MEAS Datasheet HTML 19Page - Omron Electronics LLC CTRL_MEAS Datasheet HTML 20Page - Omron Electronics LLC CTRL_MEAS Datasheet HTML 21Page - Omron Electronics LLC CTRL_MEAS Datasheet HTML 22Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
[2SMPB-02E] Datasheet Rev.05(Jun.,2017)
18
Copyright 2017 OMRON Corporation. All Rights Reserved.
(2)
SPI timings
All timings are applied both to 4- and 3-wire SPI.
To reduce external noise in High-Z state, we recommend the following;
・In 4-wire mode, SDO terminal is pulled up to Vio via the resister.
・In 3-wire mode, SDI terminal is pulled up to Vio via the resister.
e.g.) Rpullup = 3.6kΩ @Vio=1.8V.
Items
Symbol
Condition
min
typ
max
Units
Remark
SCK frequency
f_spi
—
—
10
MHz
SCK low pulse
t_low_sck
40
—
—
ns
SCK high pulse
t_high_sck
40
—
—
ns
SDI setup time
t_setup_sdi
20
—
—
ns
SDI hold time
t_hold_sdi
20
—
—
ns
SDO output delay
t_delay_sdo
Cb=25pF,Vio=1.62V min
—
—
30
ns
Cb=25pF,Vio=1.2V min
—
—
40
ns
CSB setup time
t_setup_csb
40
—
—
ns
CSB hold time
t_hold_csb
40
—
—
ns
CSB_HI time
t_csb_hi
100
—
—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com