Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CTRL_MEAS Arkusz danych(PDF) 1 Page - Omron Electronics LLC

Numer części CTRL_MEAS
Szczegółowy opis  Digital Barometric Pressure Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  OMRON [Omron Electronics LLC]
Strona internetowa  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CTRL_MEAS Arkusz danych(HTML) 1 Page - Omron Electronics LLC

  CTRL_MEAS Datasheet HTML 1Page - Omron Electronics LLC CTRL_MEAS Datasheet HTML 2Page - Omron Electronics LLC CTRL_MEAS Datasheet HTML 3Page - Omron Electronics LLC CTRL_MEAS Datasheet HTML 4Page - Omron Electronics LLC CTRL_MEAS Datasheet HTML 5Page - Omron Electronics LLC CTRL_MEAS Datasheet HTML 6Page - Omron Electronics LLC CTRL_MEAS Datasheet HTML 7Page - Omron Electronics LLC CTRL_MEAS Datasheet HTML 8Page - Omron Electronics LLC CTRL_MEAS Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
[2SMPB-02E] Datasheet Rev.05(Jun.,2017)
1
Copyright 2017 OMRON Corporation. All Rights Reserved.
2SMPB-02E
Digital Barometric Pressure Sensor
High accuracy and small size barometric pressure sensor
with low current consumption
 Measure barometric pressure and temperature with high accuracy
 Built in low noise 24bit ADC
 Digital control and output via I²C/SPI interface
 Automatically power down non-working circuit to minimize power consumption
 Individual calibration parameters stored in OTP*
(*One Time Programmable - ROM)
RoHS compliant
Application Example
・Indoor navigation (floor detection)
・Car navigation (to distinguish highway and frontage road)
・Altimeter
・Activity monitor (to detect up and down of stairs)
・Life log
・Weather forecast
Target Devices Example
・Smart Phones / Tablet PCs
・Wearable devices, such as watch type, band type, clip type or glasses type
・GPS devices
・Healthcare devices such as pedometer
Packaging Information
■Standard Models with Surface Mounting Terminals
Structure
Packaging
Model
Minimum Packing Unit
LGA 9pin
Tape and Reel
2SMPB-02E
3,500


Podobny numer części - CTRL_MEAS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Structured Cable Produc...
CTRL-1-D STRUCTURED-CABLE-CTRL-1-D Datasheet
462Kb / 1P
UNIVERSAL CONTROL CABLE- 2C/22 AWG STRANDED BC
CTRL-1-LSZH STRUCTURED-CABLE-CTRL-1-LSZH Datasheet
558Kb / 1P
UNIVERSAL CONTROL CABLE- LOW SMOKE ZERO HALOGEN
Rev1023
CTRL-2-D STRUCTURED-CABLE-CTRL-2-D Datasheet
496Kb / 1P
UNIVERSAL CONTROL CABLE- 2C/16 AWG STRANDED BC
3/15/2019
CTRL-2-LSZH STRUCTURED-CABLE-CTRL-2-LSZH Datasheet
527Kb / 1P
UNIVERSAL CONTROL CABLE- LOW SMOKE ZERO
CTRL-3-LSZH STRUCTURED-CABLE-CTRL-3-LSZH Datasheet
133Kb / 1P
2C/22 AWG STRANDED BC
More results

Podobny opis - CTRL_MEAS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
HOKURIKU ELECTRIC INDUS...
HPD-100A-C05 HOKURIKU-HPD-100A-C05 Datasheet
199Kb / 1P
Barometric Pressure Sensor
HPM-013 HOKURIKU-HPM-013 Datasheet
113Kb / 1P
Barometric Pressure Sensor Module
logo
Infineon Technologies A...
DPS310 INFINEON-DPS310 Datasheet
762Kb / 41P
Digital Barometric Pressure Sensor for Portable Devices
V1.0 2016-09-05
logo
TE Connectivity Ltd
MS5637-02BA03 TEC-MS5637-02BA03 Datasheet
476Kb / 18P
Low Voltage Barometric Pressure Sensor
logo
Bosch Sensortec GmbH
BMP380 BOSCH-BMP380 Datasheet
221Kb / 2P
Digital, barometric pressure sensor
logo
Silicon Microstructures...
SM1111-EEN-S-115-000 SMI-SM1111-EEN-S-115-000 Datasheet
854Kb / 13P
Analog Barometric Air Pressure (BAP) Sensor
SM1111-EEN-S-115-001 SMI-SM1111-EEN-S-115-001 Datasheet
834Kb / 13P
Analog Barometric Air Pressure (BAP) Sensor
SM1111-EEN-S-165-000 SMI-SM1111-EEN-S-165-000 Datasheet
812Kb / 13P
Analog Barometric Air Pressure (BAP) Sensor
SM1131-EEN-S-165-000 SMI-SM1131-EEN-S-165-000 Datasheet
1Mb / 19P
Digital Barometric Air Pressure (BAP) Sensor
logo
Infineon Technologies A...
DPS368 INFINEON-DPS368 Datasheet
5Mb / 44P
Digital XENSIVTM barometric pressure sensor
2019-07-03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com