Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CTRL_MEAS Arkusz danych(PDF) 20 Page - Omron Electronics LLC

Numer części CTRL_MEAS
Szczegółowy opis  Digital Barometric Pressure Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  OMRON [Omron Electronics LLC]
Strona internetowa  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CTRL_MEAS Arkusz danych(HTML) 20 Page - Omron Electronics LLC

Back Button CTRL_MEAS Datasheet HTML 16Page - Omron Electronics LLC CTRL_MEAS Datasheet HTML 17Page - Omron Electronics LLC CTRL_MEAS Datasheet HTML 18Page - Omron Electronics LLC CTRL_MEAS Datasheet HTML 19Page - Omron Electronics LLC CTRL_MEAS Datasheet HTML 20Page - Omron Electronics LLC CTRL_MEAS Datasheet HTML 21Page - Omron Electronics LLC CTRL_MEAS Datasheet HTML 22Page - Omron Electronics LLC CTRL_MEAS Datasheet HTML 23Page - Omron Electronics LLC CTRL_MEAS Datasheet HTML 24Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
[2SMPB-02E] Datasheet Rev.05(Jun.,2017)
20
Copyright 2017 OMRON Corporation. All Rights Reserved.
5. Packaging
5.1 Configuration of shipment
Packaging
Embossed Carrier Tape
Quantity
3,500 pcs / 1 reel
1 reel / 1 Interior box
Max. 20 Interior boxes / 1 exterior box
Reel
180 mm dia.
Insert method
see below
Specification of taping & reel comply with JIS C 0806-3 (IEC 60286-3).
5.2 Taping
Emboss pitch 4 mm type & tape width 8 mm type.
Symbol
Rating
W
8.0 +0.03/-0.1
E1
1.75 +/- 0.1
F
3.50 +/- 0.05
P0
4.0 +/- 0.1
P1
4.0 +/- 0.1
P2
2.00 +/- 0.05
B-B cross-section
A-A cross-section
Trailer (no Sensor)
> 160 mm
Embossed Carrier Tape
Sensor housing unit
Leader (no Sensor)
> 400 mm
Cover Tape
No Sensor unit
> 100 mm
Direction to pull out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com