Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CTRL_MEAS Arkusz danych(PDF) 17 Page - Omron Electronics LLC

Numer części CTRL_MEAS
Szczegółowy opis  Digital Barometric Pressure Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  OMRON [Omron Electronics LLC]
Strona internetowa  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CTRL_MEAS Arkusz danych(HTML) 17 Page - Omron Electronics LLC

Back Button CTRL_MEAS Datasheet HTML 13Page - Omron Electronics LLC CTRL_MEAS Datasheet HTML 14Page - Omron Electronics LLC CTRL_MEAS Datasheet HTML 15Page - Omron Electronics LLC CTRL_MEAS Datasheet HTML 16Page - Omron Electronics LLC CTRL_MEAS Datasheet HTML 17Page - Omron Electronics LLC CTRL_MEAS Datasheet HTML 18Page - Omron Electronics LLC CTRL_MEAS Datasheet HTML 19Page - Omron Electronics LLC CTRL_MEAS Datasheet HTML 20Page - Omron Electronics LLC CTRL_MEAS Datasheet HTML 21Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
[2SMPB-02E] Datasheet Rev.05(Jun.,2017)
17
Copyright 2017 OMRON Corporation. All Rights Reserved.
4.7 Interface specifications
(1)
I²C timings
All timings apply to 100kbps(at Standard Mode) , 400kbps (at Fast Mode) and 3.4Mbps(at High Speed Mode).
For I²C timings, the following abbreviations are used :
*1) S&F Mode = standard and fast mode
*2) Cb = bus capacitance on SDI line
All other naming refers to I²C specification 2.1 (January 2000).
Undescribed items and symbols are compliant with the I²C specification.
Items
Symbol
Condition
min
typ
max
Units
Remark
SDI setup time
t
SUDAT
S&F Mode *1)
160
-
-
ns
HS Mode *2)
Vio=1.62V
30
-
-
ns
HS Mode
Vio=1.2V
55
-
-
ns
SDI hold time
t
HDDAT
S&F Mode,Cb≦100pF
80
-
-
ns
S&F Mode,Cb≦400pF
90
-
-
ns
HS Mode,Cb≦
100pF
Vio=1.62V
18
-
115
ns
Vio=1.2V
25
-
140
ns
HS Mode,Cb≦
400pF
Vio=1.62V
24
-
150
ns
Vio=1.2V
45
170
ns
SCK low pulse
t
Low
HS Mode,Cb≦
100pF
Vio=1.62V
160
-
-
ns
Vio=1.2V
210
-
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com