Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CTRL_MEAS Arkusz danych(PDF) 19 Page - Omron Electronics LLC

Numer części CTRL_MEAS
Szczegółowy opis  Digital Barometric Pressure Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  OMRON [Omron Electronics LLC]
Strona internetowa  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CTRL_MEAS Arkusz danych(HTML) 19 Page - Omron Electronics LLC

Back Button CTRL_MEAS Datasheet HTML 15Page - Omron Electronics LLC CTRL_MEAS Datasheet HTML 16Page - Omron Electronics LLC CTRL_MEAS Datasheet HTML 17Page - Omron Electronics LLC CTRL_MEAS Datasheet HTML 18Page - Omron Electronics LLC CTRL_MEAS Datasheet HTML 19Page - Omron Electronics LLC CTRL_MEAS Datasheet HTML 20Page - Omron Electronics LLC CTRL_MEAS Datasheet HTML 21Page - Omron Electronics LLC CTRL_MEAS Datasheet HTML 22Page - Omron Electronics LLC CTRL_MEAS Datasheet HTML 23Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
[2SMPB-02E] Datasheet Rev.05(Jun.,2017)
19
Copyright 2017 OMRON Corporation. All Rights Reserved.
4.8 Reset Function
The sensor is capable of resetting the operation with "Asynchronous Reset Terminal (RST pin)".
The procedure is as follows:
① Input high voltage to RST pin. (100us ≧)
② Turn off (input low voltage) and wait 10ms.
◆Reset sequence
4.9 Recommended conditions of communication
In case that this sensor and other sensors are connected with a common bus line, if you use this sensor at a communica-
tion speed more than 400kbit/s,
after finishing the communication with other sensors, we recommend to provide 1 ms or more waiting time
before starting the communication with this sensor in order to ensure a stable communication (see diagram below).
◆Typical connection diagram
◆Example of communication
VDD/VDDIO
RST
Logic reset
POR
reset
IO state
enable
disable
enable
10ms
100us
0s≧
10ms
disable
MCU
2SMPB
-02E
Sensor
A
Sensor
B
2SMPB
-02E
Sensor
A
Sensor
B
Sensor
A
・・・
time
1msec≧



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com