Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SD56060 Arkusz danych(PDF) 5 Page - STMicroelectronics

Numer części SD56060
Szczegółowy opis  60 W, 28 V, HF to 1 GHz RF power LDMOS transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD56060 Arkusz danych(HTML) 5 Page - STMicroelectronics

  SD56060 Datasheet HTML 1Page - STMicroelectronics SD56060 Datasheet HTML 2Page - STMicroelectronics SD56060 Datasheet HTML 3Page - STMicroelectronics SD56060 Datasheet HTML 4Page - STMicroelectronics SD56060 Datasheet HTML 5Page - STMicroelectronics SD56060 Datasheet HTML 6Page - STMicroelectronics SD56060 Datasheet HTML 7Page - STMicroelectronics SD56060 Datasheet HTML 8Page - STMicroelectronics SD56060 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Figure 7. Power gain vs output power
1
10
100
1000
POUT (W)
10
12
14
16
18
20
22
Idq = 200 mA
Idq = 400 mA
Idq = 1 A
Vdd = 28V
f = 860 MHz
Idq = 600 mA
Idq = 800 mA
GPS (dB)
Figure 8. Intermodulation distortion vs output power
0
10
20
30
40
50
60
70
80
90
100
110
120
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
f1 = 860 MHz
f2 = 860.1 MHz
Vdd = 28 V
Idq = 400 mA
POUT (WPEP)
IMD3 (dBt)
Figure 9. Output power vs drain voltage
12
16
20
24
28
32
36
30
40
50
60
70
80
90
100
110
120
130
Pin = 2.5 W
Idq= 400 mA
f = 860 MHz
VDS (V)
POUT (W)
Figure 10. Output power vs bias current
100
105
110
115
120
Vdd = 28 V
Pin = 2.5 W
f = 860 MHz
POUT (W)
IDQ (A)
0.0
1.0
2.0
Figure 11. Output power vs gate-source voltage
0.0
2.0
1.0
3.0
0
20
40
60
80
100
120
140
Vdd = 28 V
Pin = 2.5 W
f = 860 MHz
POUT (W)
VGS (V)
SD56060
Typical performances
DS11102 - Rev 2
page 5/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com