Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SD56060 Arkusz danych(PDF) 4 Page - STMicroelectronics

Numer części SD56060
Szczegółowy opis  60 W, 28 V, HF to 1 GHz RF power LDMOS transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD56060 Arkusz danych(HTML) 4 Page - STMicroelectronics

  SD56060 Datasheet HTML 1Page - STMicroelectronics SD56060 Datasheet HTML 2Page - STMicroelectronics SD56060 Datasheet HTML 3Page - STMicroelectronics SD56060 Datasheet HTML 4Page - STMicroelectronics SD56060 Datasheet HTML 5Page - STMicroelectronics SD56060 Datasheet HTML 6Page - STMicroelectronics SD56060 Datasheet HTML 7Page - STMicroelectronics SD56060 Datasheet HTML 8Page - STMicroelectronics SD56060 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
3
Typical performances
Figure 1. Capacitance vs drain voltage (per section)
0
10
20
30
40
50
VDS (V)
1
10
100
1000
C (pF)
Ciss
Coss
Crss
f = 1 MHz
per section
Figure 2. Gate-source voltage vs case temperature
-25
0
25
50
75
100
TC (°C)
0.96
0.98
1.00
1.02
1.04
VGS (norm.)
VDS = 10 V
per section
Id = 1 A
Id = 2 A
Id = 5 A
Id = 4 A
Id = 3 A
Figure 3. Drain current vs gate voltage
VGS (V)
0
1
2
3
4
5
6
ID (A)
Vds = 10 V
per section
3.0
4.0
5.0
Figure 4. Output power vs input power
0
1
2
3
4
PIN (W)
0
20
40
60
80
100
120
140
POUT (W)
VDD = 28 V
IDQ = 400 mA
f = 860 MHz
Figure 5. Power gain vs input power
0
1
2
3
4
PIN (W)
12
13
14
15
16
17
18
19
20
GPS (dB)
Vdd = 28 V
Idq = 400 mA
f = 860 MHz
Figure 6. Efficiency vs output power
0
20
40
60
80
100
120
140
POUT (W)
0
10
20
30
40
50
60
70
ηD (%)
f = 860 Mhz
Vdd = 28 V
Idq = 400 mA
SD56060
Typical performances
DS11102 - Rev 2
page 4/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com