Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SD56060 Arkusz danych(PDF) 1 Page - STMicroelectronics

Numer części SD56060
Szczegółowy opis  60 W, 28 V, HF to 1 GHz RF power LDMOS transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD56060 Arkusz danych(HTML) 1 Page - STMicroelectronics

  SD56060 Datasheet HTML 1Page - STMicroelectronics SD56060 Datasheet HTML 2Page - STMicroelectronics SD56060 Datasheet HTML 3Page - STMicroelectronics SD56060 Datasheet HTML 4Page - STMicroelectronics SD56060 Datasheet HTML 5Page - STMicroelectronics SD56060 Datasheet HTML 6Page - STMicroelectronics SD56060 Datasheet HTML 7Page - STMicroelectronics SD56060 Datasheet HTML 8Page - STMicroelectronics SD56060 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
2
5
4
1
3
M246
Pin connection
Pin
Connection
1
Drain A
2
Drain B
3
Source (bottom side)
4
Gate B
5
Gate A
Features
Order code
Frequency
VDD
POUT
Gain
Efficiency
SD56060
860 MHz
28 V
60 W
16 dB
60
•
Excellent thermal stability
•
Common source configuration push-pull
•
BeO-free package
Applications
•
Ground/air communication
•
ISM
Description
The SD56060 is a common source N-channel enhancement-mode lateral field-effect
RF power transistor designed for broadband commercial and industrial applications
at frequencies up to 1 GHz. It is designed for high gain and broadband performance
operating in common source mode at 28 V.
Product status link
SD56060
Product summary
Order code
SD56060
Marking
SD56060
Package
M246
Packing
Box
Base/bulk quantity
20/60
60 W, 28 V, HF to 1 GHz RF power LDMOS transistor
SD56060
Datasheet
DS11102 - Rev 2 - December 2021
For further information contact your local STMicroelectronics sales office.
www.st.com


Podobny numer części - SD56060

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Dc Components
SD560 DCCOM-SD560 Datasheet
248Kb / 2P
TECHNICAL SPECIFICATIONS OF SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE - 20 to 100 Volts
logo
List of Unclassifed Man...
SD5600 ETC1-SD5600 Datasheet
257Kb / 2P
Hermetic Optoschmitts
logo
Honeywell Accelerometer...
SD5600 HONEYWELL-ACC-SD5600 Datasheet
1Mb / 18P
Infrared Sensors Line Guide
SD5600 HONEYWELL-ACC-SD5600 Datasheet
1Mb / 18P
Infrared Sensors Line Guide
logo
Honeywell Solid State E...
SD5600 HONEYWELL-SD5600 Datasheet
1Mb / 18P
Infrared Sensors Line Guide
February 2012
More results

Podobny opis - SD56060

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
RF3L05150CB4 STMICROELECTRONICS-RF3L05150CB4 Datasheet
1Mb / 16P
150 W, 28/32 V, HF to 1 GHz RF power LDMOS transistor
16-Mar-2021
PD55035STR1-E STMICROELECTRONICS-PD55035STR1-E Datasheet
332Kb / 18P
35 W, 12.5 V, HF to 1 GHz RF power LDMOS transistor
08-Mar-2022
RF2L15200CB4 STMICROELECTRONICS-RF2L15200CB4 Datasheet
774Kb / 13P
200 W, 28 V, HF to 1.5 GHz RF power LDMOS transistor
15-Apr-2021
RF3L05200CB4 STMICROELECTRONICS-RF3L05200CB4 Datasheet
1Mb / 12P
200 W, 28/32 V, HF to 1 GHz RF power LDMOS transistor
28-Sep-2021
RF3L05250CB4 STMICROELECTRONICS-RF3L05250CB4 Datasheet
490Kb / 12P
250 W, 28/32 V, HF to 1 GHz RF power LDMOS transistor
29-Sep-2021
RF3L05400CB4 STMICROELECTRONICS-RF3L05400CB4 Datasheet
1Mb / 12P
400 W, 28/32 V, HF to 1 GHz RF power LDMOS transistor
01-Oct-2021
RF4L10700CB4 STMICROELECTRONICS-RF4L10700CB4 Datasheet
525Kb / 11P
700 W, 40 V, HF to 1 GHz RF power LDMOS transistor
22-Sep-2021
RF5L15030CB2 STMICROELECTRONICS-RF5L15030CB2 Datasheet
926Kb / 12P
30 W, 50 V, HF to 1.5 GHz RF power LDMOS transistor
ST05250 STMICROELECTRONICS-ST05250 Datasheet
599Kb / 17P
250 W, 28/32 V, HF to 1 GHz, RF Power LDMOS transistor
ST16010 STMICROELECTRONICS-ST16010 Datasheet
1Mb / 12P
10 W, 28 V, HF to 1.6 GHz RF Power LDMOS transistor
13-May-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com