Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SD56060 Arkusz danych(PDF) 7 Page - STMicroelectronics

Numer części SD56060
Szczegółowy opis  60 W, 28 V, HF to 1 GHz RF power LDMOS transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD56060 Arkusz danych(HTML) 7 Page - STMicroelectronics

Back Button SD56060 Datasheet HTML 3Page - STMicroelectronics SD56060 Datasheet HTML 4Page - STMicroelectronics SD56060 Datasheet HTML 5Page - STMicroelectronics SD56060 Datasheet HTML 6Page - STMicroelectronics SD56060 Datasheet HTML 7Page - STMicroelectronics SD56060 Datasheet HTML 8Page - STMicroelectronics SD56060 Datasheet HTML 9Page - STMicroelectronics SD56060 Datasheet HTML 10Page - STMicroelectronics SD56060 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Table 5. Components list
Component
Q.ty
Part number
Vendor
Description
R1, R3
2
CR1206-8W-130JB
VENKEL
13 Ω, 1/8 W surface mount chip resistor
R2, R4
2
CR1206-8W-122JB
VENKEL
1.2 kΩ, 1/8 W surface mount chip resistor
R5, R6
2
CR1206-8W-250JB
VENKEL
25 Ω, 1/8 W surface mount chip resistor
B1, B2
2
2743021447
FAIR-RITE
CORP
Surface mount EMI shield bead
C1, C3, C7, C9
4
100 μF, 63 V electrolytic capacitor
C2, C4, C5, C6
4
ATC100B910XXXX
ATC
91 pF chip capacitor
C8, C10
2
C1812X7R501-104KNE
0.1 F 500 V surface mount ceramic chip capacitor
C11, C12
2
ATC100B620XXXX
ATC
62 pF chip capacitor
C13, C14
2
ATC100B151XXXX
ATC
150 pF chip capacitor
C15
1
ATC100B110XXXX
ATC
5.1 pF chip capacitor
C16
1
ATC100B7R5XXXX
ATC
7.5 pF chip capacitor
C17
1
ATC100B1R1XXXX
ATC
1.1 pF chip capacitor
C18
1
27291PC
JOHANSON
0.8-8 pF giga trim variable capacitor
C19, C20
2
ATC100B101XXXX
ATC
100 pF chip capacitor
TL1, TL5
L= 0.250 in [6.35 mm], W=0.214 in [5.44 mm]
TL2, TL6
L= 0.182 in [4.62 mm], W=0.284 in [7.21 mm]
TL3, TL7
L= 0.318 in [8.08 mm], W=0.284 in [7.21 mm]
TL4, TL8, TL9, TL13
L= 2.37 in [60.19 mm], W=0.082 in [2.08 mm]
TL10, TL14
L= 0.314 in [7.97 mm], W=0.230 in [5.84 mm]
TL11, TL15
L= 0.460 in [11.68 mm], W=0.230 in [5.84 mm]
TL12, TL16
L= 0.280 in [7.11 mm], W=0.230 in [5.84 mm]
Board 3x5
1
Rogers Corp
ɛr = 2.55, t (copper layer thickness) = 0.0026 in
[0.066 mm], h (PCB thickness) = 0.030 in [0.762 mm]
SD56060
Test circuits
DS11102 - Rev 2
page 7/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com