Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DA7217 Arkusz danych(PDF) 39 Page - Renesas Technology Corp

Numer części DA7217
Szczegółowy opis  Ultra-Low Power Stereo Codec
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7217 Arkusz danych(HTML) 39 Page - Renesas Technology Corp

Back Button DA7217 Datasheet HTML 35Page - Renesas Technology Corp DA7217 Datasheet HTML 36Page - Renesas Technology Corp DA7217 Datasheet HTML 37Page - Renesas Technology Corp DA7217 Datasheet HTML 38Page - Renesas Technology Corp DA7217 Datasheet HTML 39Page - Renesas Technology Corp DA7217 Datasheet HTML 40Page - Renesas Technology Corp DA7217 Datasheet HTML 41Page - Renesas Technology Corp DA7217 Datasheet HTML 42Page - Renesas Technology Corp DA7217 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 170 page
background image
DA7217
Ultra-Low Power Stereo Codec
Datasheet
Revision 3.5
23-Feb-2022
CFR0011-120-00
39 of 169
© 2022 Renesas Electronics
The sidetone biquad filter can be used to provide custom filtering, for example microphone frequency
response. Each of the three biquad stages has five 16-bit coefficients a0, a1, a2, b1 and b2 (see
Figure 21). For the three stages, the coefficients are numbered a00, a01 etc. as shown in Figure 14:
Z
-1
a00
a01
a02
Z
-1
b01
b02
Z
-1
Z
-1
Z
-1
a10
a11
a12
Z
-1
b11
b12
Z
-1
Z
-1
Z
-1
a20
a21
a22
Z
-1
b21
b22
Z
-1
Z
-1
x[n]
y[n]
Figure 14: Cascade of Three Biquad Filter Stages
The coefficients are stored using 8-bit registers in a dedicated address space. They are programmed
by first writing the coefficient data value to sidetone_biq_3stage_data and then the coefficient
address to sidetone_biq_3stage_addr. The address location for each of the coefficients is described
in Table 33: Each of the 16-
bit coefficients is two’s complement values that are programmed in the
range of -2 (0x8000) to +2 (0x7FFF). It is the responsibility of the user to ensure that filter transfer
function corresponding to the programmed coefficients is stable.
Table 33: Sidetone 3-Stage Biquad Filter Coefficient Address Map
Address
Name
Description
0x00
SIDETONE_BIQ_A00_LO
Lower byte of a00 coefficient for first sidetone biquad stage
0x01
SIDETONE_BIQ_A00_HI
Upper byte of a00 coefficient for first sidetone biquad stage
0x02
SIDETONE_BIQ_A01_LO
Lower byte of a01 coefficient for first sidetone biquad stage
0x03
SIDETONE_BIQ_A01_HI
Upper byte of a01 coefficient for first sidetone biquad stage
0x04
SIDETONE_BIQ_A02_LO
Lower byte of a02 coefficient for first sidetone biquad stage
0x05
SIDETONE_BIQ_A02_HI
Upper byte of a02 coefficient for first sidetone biquad stage
0x06
SIDETONE_BIQ_B01_LO
Lower byte of b01 coefficient for first sidetone biquad stage
0x07
SIDETONE_BIQ_B01_HI
Upper byte of b01 coefficient for first sidetone biquad stage
0x08
SIDETONE_BIQ_B02_LO
Lower byte of b02 coefficient for first sidetone biquad stage
0x09
SIDETONE_BIQ_B02_HI
Upper byte of b02 coefficient for first sidetone biquad stage
0x0A
SIDETONE_BIQ_A10_LO
Lower byte of a10 coefficient for second sidetone biquad stage
0x0B
SIDETONE_BIQ_A10_HI
Upper byte of a10 coefficient for second sidetone biquad stage
0x0C
SIDETONE_BIQ_A11_LO
Lower byte of a11 coefficient for second sidetone biquad stage
0x0D
SIDETONE_BIQ_A11_HI
Upper byte of a11 coefficient for first sidetone biquad stage
0x0E
SIDETONE_BIQ_A12_LO
Lower byte of a12 coefficient for first sidetone biquad stage
0x0F
SIDETONE_BIQ_A12_HI
Upper byte of a12 coefficient for first sidetone biquad stage
0x10
SIDETONE_BIQ_B11_LO
Lower byte of b11 coefficient for first sidetone biquad stage
0x11
SIDETONE_BIQ_B11_HI
Upper byte of b11 coefficient for second sidetone biquad stage
0x12
SIDETONE_BIQ_B12_LO
Lower byte of b12 coefficient for second sidetone biquad stage
0x13
SIDETONE_BIQ_B12_HI
Upper byte of b12 coefficient for second sidetone biquad stage
0x14
SIDETONE_BIQ_A20_LO
Lower byte of a20 coefficient for third sidetone biquad stage
0x15
SIDETONE_BIQ_A20_HI
Upper byte of a20 coefficient for third sidetone biquad stage
0x16
SIDETONE_BIQ_A21_LO
Lower byte of a21 coefficient for third sidetone biquad stage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com