Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DA7217 Arkusz danych(PDF) 86 Page - Renesas Technology Corp

Numer części DA7217
Szczegółowy opis  Ultra-Low Power Stereo Codec
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7217 Arkusz danych(HTML) 86 Page - Renesas Technology Corp

Back Button DA7217 Datasheet HTML 82Page - Renesas Technology Corp DA7217 Datasheet HTML 83Page - Renesas Technology Corp DA7217 Datasheet HTML 84Page - Renesas Technology Corp DA7217 Datasheet HTML 85Page - Renesas Technology Corp DA7217 Datasheet HTML 86Page - Renesas Technology Corp DA7217 Datasheet HTML 87Page - Renesas Technology Corp DA7217 Datasheet HTML 88Page - Renesas Technology Corp DA7217 Datasheet HTML 89Page - Renesas Technology Corp DA7217 Datasheet HTML 90Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 170 page
background image
DA7217
Ultra-Low Power Stereo Codec
Datasheet
Revision 3.5
23-Feb-2022
CFR0011-120-00
86 of 169
© 2022 Renesas Electronics
Table 90: SR (Page 0: 0x0000000B)
Bit
Mode
Symbol
Description
Reset
7:4
R/W
sr_dac
DAC Sample rate control
0001 = 8.000 kHz
0010 = 11.025 kHz
0011 = 12.000 kHz
0101 = 16.000 kHz
0110 = 22.050 kHz
0111 = 24.000 kHz
1001 = 32.000 kHz
1010 = 44.100 kHz
1011 = 48.000 kHz
1110 = 88.200 kHz
1111 = 96.000 kHz
0xA
3:0
R/W
sr_adc
ADC Sample rate control
0001 = 8.000 kHz
0010 = 11.025 kHz
0011 = 12.000 kHz
0101 = 16.000 kHz
0110 = 22.050 kHz
0111 = 24.000 kHz
1001 = 32.000 kHz
1010 = 44.100 kHz
1011 = 48.000 kHz
1110 = 88.200 kHz
1111 = 96.000 kHz
0xA
Table 91: PC_COUNT (Page 0: 0x0000000C)
Bit
Mode
Symbol
Description
Reset
1
R/W
pc_resync_auto
PC resync mode control
0 = No resync - just double sample or skip a sample
if the DAI drifts with respect to the system clock
1 = Automatically resync if the DAI drifts with
respect to the system clock
0x1
0
R/W
pc_freerun
Enables the filter operation when DAI is not enabled
or no DAI clocks are available (ADC to DAC
processing path)
0 = ADC and DAC Filters synchronised to the DAI
1 = Filters free running
Note: This should be set to 1 if the ADC is feeding
the DAC directly and no DAI clocks are present
0x0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com