Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DA7217 Arkusz danych(PDF) 8 Page - Renesas Technology Corp

Numer części DA7217
Szczegółowy opis  Ultra-Low Power Stereo Codec
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7217 Arkusz danych(HTML) 8 Page - Renesas Technology Corp

Back Button DA7217 Datasheet HTML 4Page - Renesas Technology Corp DA7217 Datasheet HTML 5Page - Renesas Technology Corp DA7217 Datasheet HTML 6Page - Renesas Technology Corp DA7217 Datasheet HTML 7Page - Renesas Technology Corp DA7217 Datasheet HTML 8Page - Renesas Technology Corp DA7217 Datasheet HTML 9Page - Renesas Technology Corp DA7217 Datasheet HTML 10Page - Renesas Technology Corp DA7217 Datasheet HTML 11Page - Renesas Technology Corp DA7217 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 170 page
background image
DA7217
Ultra-Low Power Stereo Codec
Datasheet
Revision 3.5
23-Feb-2022
CFR0011-120-00
8 of 169
© 2022 Renesas Electronics
2
Terminology
[1]
Crosstalk (dB) is the level difference between the active path output and the idle path measured
signal level, at the test signal frequency. The active path is configured and supplied with an
input signal capable of driving a full scale output, with the signal measured at the output of the
specified idle path.
[2]
Mute Attenuation is the difference in level between the full scale output signal and the output
with mute applied.
[3]
Channel Separation (dB) [left-to-right and right-to-left] is the difference in level between the
active channel (driven to maximum full scale output) and the signal level measured in the idle
channel at the test signal frequency. The active channel is configured and supplied with an input
signal capable of driving a full scale output, with the signal measured at the output of the
associated idle channel.
[4]
PSRR is the ratio of a given power supply change relative to the output signal that results from
it. PSRR is measured under quiescent signal path conditions.
[5]
SNR is the difference in level between the maximum full scale output signal and the output with
no input signal applied.
[6]
THD+N is the level of the rms value of the sum of harmonic distortion products plus noise in the
specified bandwidth relative to the amplitude of the measured output signal.
All performance measurements carried out with 20 kHz low pass filter, and where noted an A-
weighted filter. Failure to use such a filter will result in higher THD and lower SNR readings than are
found in the Electrical Characteristics. The low-pass filter removes out of band noise; although it is
not audible it may affect dynamic specification values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com