Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DA7217 Arkusz danych(PDF) 65 Page - Renesas Technology Corp

Numer części DA7217
Szczegółowy opis  Ultra-Low Power Stereo Codec
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7217 Arkusz danych(HTML) 65 Page - Renesas Technology Corp

Back Button DA7217 Datasheet HTML 61Page - Renesas Technology Corp DA7217 Datasheet HTML 62Page - Renesas Technology Corp DA7217 Datasheet HTML 63Page - Renesas Technology Corp DA7217 Datasheet HTML 64Page - Renesas Technology Corp DA7217 Datasheet HTML 65Page - Renesas Technology Corp DA7217 Datasheet HTML 66Page - Renesas Technology Corp DA7217 Datasheet HTML 67Page - Renesas Technology Corp DA7217 Datasheet HTML 68Page - Renesas Technology Corp DA7217 Datasheet HTML 69Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 170 page
background image
DA7217
Ultra-Low Power Stereo Codec
Datasheet
Revision 3.5
23-Feb-2022
CFR0011-120-00
65 of 169
© 2022 Renesas Electronics
Table 49: Audio Sub-System Digital LDO Level
ldo_level_select Setting
LDO Level (V)
00
1.05
01
1.10
10
1.20
11
1.40
9.6.3.2
Digital Input/Output Pins Voltage Level
The digital input/output (I/O) pins can be set to operate in either a high voltage (2.5 V to 3.6 V) or low
voltage (1.5 V to 2.5 V) range using the io_voltage_level bit. This bit should be set to the relevant
value based on the IO voltage level of the host.
9.7
I2C Control Interface
The DA7217 is completely software-controlled from the host via register writes. The DA7217
provides an I2C compliant serial control interface to access these registers. Data is shifted into or out
of the DA7217 under the control of the host processor, which also provides the serial clock.
The I2C clock is supplied by the SCL line and the bi-directional I2C data is carried by the SDA line.
The I2C interface is open-drain supporting multiple devices on a single line. The bus lines have to be
pulled High by external pull-up resistors (1
kΩ to 20 kΩ range). The attached devices only drive the
bus lines Low by connecting them to ground. This means that two devices cannot conflict if they drive
the bus simultaneously.
Table 50: Device 7-Bit I2C Slave Addresses
Pin AD
Device I2C Address
High
1B
Low
1A
In standard/fast mode the highest frequency of the bus is 1 MHz. The exact frequency can be
determined by the application and does not have any relation to the DA7217 internal clock signals.
DA7217 will follow the host clock speed within the described limitations and does not initiate any
clock arbitration or slow down.
In high-speed mode the maximum frequency of the bus can be increased up to 3.4 MHz. This mode
is supported if the SCL line is driven with a push-pull stage from the host and if the host enables an
external 3 mA pull-up at the SDA pin to decrease the rise time of the data. In this mode the SDA line
on DA7217 is able to sink up to 12 mA. In all other respects the high speed mode behaves as the
standard/fast mode. Communication on the I2C bus always takes place between two devices, one
acting as the master and the other as the slave. The DA7217 will only operate as a SLAVE in I2C
communication.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com