Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DA7217 Arkusz danych(PDF) 41 Page - Renesas Technology Corp

Numer części DA7217
Szczegółowy opis  Ultra-Low Power Stereo Codec
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7217 Arkusz danych(HTML) 41 Page - Renesas Technology Corp

Back Button DA7217 Datasheet HTML 37Page - Renesas Technology Corp DA7217 Datasheet HTML 38Page - Renesas Technology Corp DA7217 Datasheet HTML 39Page - Renesas Technology Corp DA7217 Datasheet HTML 40Page - Renesas Technology Corp DA7217 Datasheet HTML 41Page - Renesas Technology Corp DA7217 Datasheet HTML 42Page - Renesas Technology Corp DA7217 Datasheet HTML 43Page - Renesas Technology Corp DA7217 Datasheet HTML 44Page - Renesas Technology Corp DA7217 Datasheet HTML 45Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 170 page
background image
DA7217
Ultra-Low Power Stereo Codec
Datasheet
Revision 3.5
23-Feb-2022
CFR0011-120-00
41 of 169
© 2022 Renesas Electronics
9.3.3
Tone Generator
The tone generator contains two independent Sine Wave Generators (SWGs). Each SWG can
generate a sine wave at a frequency (FREQ) from approximately 1 Hz to 12 kHz according to the
programmed 16-bit value:
● FREQ[15:0] = 216 * fSWG/12000, for SR2 = (8, 12, 16, 24, 32, 48,96) kHz
● FREQ[15:0] = 216 * fSWG/11025, for SR2 = (11.025, 22.05, 44.1, 88.2) kHz
The DA7217 should not be programmed with frequency greater than the Nyquist frequency.
Nyquist frequency = SR2/2
For the first SWG, the FREQ value is stored in two 8-bit registers as freq1_u = FREQ[15:8] and
freq1_l = FREQ[7:0]. The second SWG frequency is programmed in the same way using freq2_u and
freq2_l. The output of the tone generator can come from either of the SWGs, or from a combination
of both of them as specified by swg_sel. In addition the tone generator can produce standard Dual
Tone Multi-Frequency (DTMF) tones using the two SWGs if dtmf_en = 1 and the required keypad
value is programmed in dtmf_reg as shown in Table 34.
Table 34: DTMF Tones Corresponding to dtmf_reg Value
The tone generator can produce 1, 2, 3, 4, 8, 16, or 32 beeps, or a continuous beep, as determined
by beep_cycles. Each beep has an on period from 10 ms to 2 s as programmed in beep_on_per and
an off period from 10 ms to 2 s as programmed in beep_off_per. The tone generator is started by
setting the start_stopn bit, and is halted by clearing this bit. If start_stopn is cleared, the tone
generator stops at the completion of the current beep cycle or at the next zero-cross if the number of
beeps is set to continuous (beep_cycles = 110 or = 111). The start_stopn bit is automatically cleared
once the programmed number of beep cycles has been completed.
The tone generator can also be used to produce an S-ramp by setting swg_sel to 0x03. System
Controller
The system controller (SC) automates the sequencing of the multiple blocks required to set up one or
more particular audio paths. It is an optional feature, and operates by performing register writes with
optimal sequencing and timing, thus eliminating pops and clicks.
The inputs are controlled using SYSTEM_MODES_INPUT, and the outputs are controlled using
SYSTEM_MODES_OUTPUT. Writing to the mode_submit field of either of these registers will cause
the system controller (SC) to process both input and output paths.
When the SC is activated by asserting the mode_submit field, all of the register-writes that are
required by the selected sub systems are performed automatically. Each sub-system is brought up,
or down, in the correct order to avoid pops and clicks. In addition, within each sub system, the
component parts are brought up in the correct pop-free and click-free sequence.
SWG2 Freq (Hz)
SWG1 Frequency (Hz)
1209
1336
1477
1633
697
0x1
0x2
0x3
0xA
770
0x4
0x5
0x6
0xB
852
0x7
0x8
0x9
0xC
941
0xE (✴)
0x0
0xF (#)
0xD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com