Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PIC12F683 Arkusz danych(PDF) 12 Page - Microchip Technology

Numer części PIC12F683
Szczegółowy opis  8-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F683 Arkusz danych(HTML) 12 Page - Microchip Technology

Back Button PIC12F683 Datasheet HTML 8Page - Microchip Technology PIC12F683 Datasheet HTML 9Page - Microchip Technology PIC12F683 Datasheet HTML 10Page - Microchip Technology PIC12F683 Datasheet HTML 11Page - Microchip Technology PIC12F683 Datasheet HTML 12Page - Microchip Technology PIC12F683 Datasheet HTML 13Page - Microchip Technology PIC12F683 Datasheet HTML 14Page - Microchip Technology PIC12F683 Datasheet HTML 15Page - Microchip Technology PIC12F683 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 148 page
background image
PIC12F683
DS41211B-page 10
Preliminary
 2004 Microchip Technology Inc.
TABLE 2-2:
PIC12F683 SPECIAL FUNCTION REGISTERS SUMMARY BANK 1
Addr
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOD
Page
Bank 1
80h
INDF
Addressing this location uses contents of FSR to address data memory (not a physical register) xxxx xxxx 17, 83
81h
OPTION_REG
GPPU
INTEDG
T0CS
T0SE
PSA
PS2
PS1
PS0
1111 1111
12, 83
82h
PCL
Program Counter’s (PC) Least Significant Byte
0000 0000
17, 83
83h
STATUS
IRP(1)
RP1(1)
RP0
TO
PD
Z
DC
C
0001 1xxx
11, 83
84h
FSR
Indirect Data Memory Address Pointer
xxxx xxxx
17, 83
85h
TRISIO
TRISIO5
TRISIO4
TRISIO3
TRISIO2
TRISIO1
TRISIO0
--11 1111
32, 83
86h
Unimplemented
87h
Unimplemented
88h
Unimplemented
89h
Unimplemented
8Ah
PCLATH
Write Buffer for upper 5 bits of Program Counter
---0 0000
17, 83
8Bh
INTCON
GIE
PEIE
T0IE
INTE
GPIE
T0IF
INTF
GPIF
0000 0000
13, 83
8Ch
PIE1
EEIE
ADIE
CCP1IE
CMIE
OSFIE
TMR2IE
TMR1IE
000- 0000
14, 83
8Dh
Unimplemented
8Eh
PCON
ULPWUE SBODEN
—POR
BOD
--01 --qq
16, 83
8Fh
OSCCON
IRCF2
IRCF1
IRCF0
OSTS(2)
HTS
LTS
SCS
-110 x000
28, 83
90h
OSCTUNE
TUN4
TUN3
TUN2
TUN1
TUN0
---0 0000
23, 83
91h
Unimplemented
92h
PR2
Timer2 Module Period Register
1111 1111
45, 83
93h
Unimplemented
94h
Unimplemented
95h
WPU(3)
—WPU5
WPU4
WPU2WPU1WPU0
--11 -111
32, 83
96h
IOC
IOC5
IOC4
IOC3
IOC2
IOC1
IOC0
--00 0000
33, 83
97h
Unimplemented
98h
Unimplemented
99h
VRCON
VREN
—VRR
VR3
VR2
VR1
VR0
0-0- 0000
53, 83
9Ah
EEDAT
EEDAT7
EEDAT6
EEDAT5
EEDAT4
EEDAT3
EEDAT2
EEDAT1
EEDAT0
0000 0000
65, 83
9Bh
EEADR
EEADR7
EEADR6
EEADR5
EEADR4
EEADR3
EEADR2
EEADR1
EEADR0 0000 0000 65, 83
9Ch
EECON1
WRERR
WREN
WR
RD
---- x000
66, 84
9Dh
EECON2
EEPROM Control Register 2 (not a physical register)
---- ----
66, 84
9Eh
ADRESL
Least Significant 2 bits of the left shifted result or 8 bits of the right shifted result
xxxx xxxx
57, 84
9Fh
ANSEL
ADCS2
ADCS1
ADCS0
ANS3
ANS2
ANS1
ANS0
-000 1111
59, 84
Legend:
— = unimplemented locations read as ‘0’, u = unchanged, x = unknown, q = value depends on condition,
shaded = unimplemented
Note
1:
IRP and RP1 bits are reserved, always maintain these bits clear.
2:
OSCCON<OSTS> bit reset to ‘0’ with Dual Speed Start-up and LP, HS or XT selected as the oscillator.
3:
GP3 pull-up is enabled when MCLRE is ‘1’ in the Configuration Word register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com