Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M34571GD Arkusz danych(PDF) 57 Page - Renesas Technology Corp

Numer części M34571GD
Szczegółowy opis  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M34571GD Arkusz danych(HTML) 57 Page - Renesas Technology Corp

Back Button M34571GD Datasheet HTML 53Page - Renesas Technology Corp M34571GD Datasheet HTML 54Page - Renesas Technology Corp M34571GD Datasheet HTML 55Page - Renesas Technology Corp M34571GD Datasheet HTML 56Page - Renesas Technology Corp M34571GD Datasheet HTML 57Page - Renesas Technology Corp M34571GD Datasheet HTML 58Page - Renesas Technology Corp M34571GD Datasheet HTML 59Page - Renesas Technology Corp M34571GD Datasheet HTML 60Page - Renesas Technology Corp M34571GD Datasheet HTML 61Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 126 page
background image
Rev.1.02
May 25, 2007
Page 57 of 124
REJ03B0179-0102
4571 Group
(11)P21/INT1 pin
(1) Bit 3 of register I2
When the input of the P21/INT1 pin is controlled with the
bit 3 of register I2 in software, be careful about the
following notes.
• Depending on the input state of the P21/INT1 pin, the external
1 interrupt request flag (EXF1) may be set when the bit 3 of
register I2 is changed. In order to avoid the occurrence of an
unexpected interrupt, clear the bit 1 of register V1 to “0” (refer
to (1) in Figure 58) and then, change the bit 3 of register I2.
In addition, execute the SNZ1 instruction to clear the EXF1
flag to “0” after executing at least one instruction (refer to (2)
in Figure 58).
Also, set the NOP instruction for the case when a skip is
performed with the SNZ1 instruction (refer to (3) in Figure
58).
Fig 58. External 1 interrupt program example-1
(2) Bit 3 of register I2
When the bit 3 of register I2 is cleared to “0”, the RAM
back-up mode is selected and the input of INT1 pin is
disabled, be careful about the following notes.
• When the INT1 pin input is disabled (register I23 = “0”), set
the key-on wakeup of INT1 pin to be invalid (register L20 =
“0”) before system enters to the RAM back-up mode. (refer to
(1) in Figure 59)
.
Fig 59. External 1 interrupt program example-2
(3) Bit 2 of register I2
When the interrupt valid waveform of the P21/INT1 pin is
changed with the bit 2 of register I2 in software, be careful
about the following notes.
• Depending on the input state of the P21/INT1 pin, the external
1 interrupt request flag (EXF1) may be set when the bit 2 of
register I2 is changed. In order to avoid the occurrence of an
unexpected interrupt, clear the bit 1 of register V1 to “0” (refer
to (1) in Figure 60) and then, change the bit 2 of register I2 is
changed.
In addition, execute the SNZ1 instruction to clear the EXF1
flag to “0” after executing at least one instruction (refer to (2)
in Figure 60).
Also, set the NOP instruction for the case when a skip is
performed with the SNZ1 instruction (refer to (3) in Figure
60).
Fig 60. External 1 interrupt program example-3
•
•
•
LA
4
; (
××0×2)
TV1A
; The SNZ1 instruction is valid ...... (1)
LA
8
; (1
×××2)
TI1A
; Control of INT1 pin input is changed
NOP
...................................................... (2)
SNZ0
; The SNZ1 instruction is executed
(EXF1 flag cleared)
NOP
...................................................... (3)
•
•
•
×: these bits are not used here.
•
•
•
LA
0
; (
×0××2)
TL1A
; INT1 key-on wakeup disabled .....(1)
DI
EPOF
POF
; RAM back-up
•
•
•
×: these bits are not used here.
•
•
•
LA
4
; (
××0×2)
TV1A
; The SNZ1 instruction is valid ......(1)
LA
12
; (1
×××2)
TI1A
; Interrupt valid waveform is changed
NOP
.......................................................(2)
SNZ0
; The SNZ1 instruction is executed
(EXF1 flag cleared)
NOP
.......................................................(3)
•
•
•
×: these bits are not used here.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com