| Zakładka z wyszukiwarką danych komponentów |
|
M34571GD Arkusz danych(PDF) 19 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M34571GD Arkusz danych(HTML) 19 Page - Renesas Technology Corp |
|
19 / 126 page ![]() Rev.1.02 May 25, 2007 Page 19 of 124 REJ03B0179-0102 4571 Group (6) Interrupt control registers • Interrupt control register V1 Interrupt enable bits of external 0, external 1, timer 1 and timer 2 are assigned to register V1. Set the contents of this register through register A with the TV1A instruction. The TAV1 instruction can be used to transfer the contents of register V1 to register A. • Interrupt control register V2 The voltage drop detection circuit interrupt enable bit and timer 3 interrupt enable bit are assigned to register V2. Set the contents of this register through register A with the TV2A instruction. The TAV2 instruction can be used to transfer the contents of register V2 to register A. Note 1.“R” represents read enabled, and “W” represents write enabled. Table 13 Interrupt control registers Interrupt control register V1 at reset : 00002 at RAM back-up : 00002 R/W TAV1/TV1A V13 Timer 2 interrupt enable bit 0 Interrupt disabled (SNZT2 instruction is valid) 1 Interrupt enabled (SNZT2 instruction is invalid) V12 Timer 1 interrupt enable bit 0 Interrupt disabled (SNZT1 instruction is valid) 1 Interrupt enabled (SNZT1 instruction is invalid) V11 External 1 interrupt enable bit 0 Interrupt disabled (SNZ1 instruction is valid) 1 Interrupt enabled (SNZ1 instruction is invalid) V10 External 0 interrupt enable bit 0 Interrupt disabled (SNZ0 instruction is valid) 1 Interrupt enabled (SNZ0 instruction is invalid) Interrupt control register V2 at reset : 00002 at RAM back-up : 00002 R/W TAV2/TV2A V23 Voltage drop detector interrupt enable bit 0 Interrupt disabled (SNZVD instruction is valid) 1 Interrupt enabled (SNZVD instruction is invalid) V22 Not used 0 This bit has no function, but read/write is enabled. 1 V21 Not used 0 This bit has no function, but read/write is enabled. 1 V20 Timer 3 interrupt enable bit 0 Interrupt disabled (SNZT3 instruction is valid) 1 Interrupt enabled (SNZT3 instruction is invalid) |