Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M34571GD Arkusz danych(PDF) 86 Page - Renesas Technology Corp

Numer części M34571GD
Szczegółowy opis  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M34571GD Arkusz danych(HTML) 86 Page - Renesas Technology Corp

Back Button M34571GD Datasheet HTML 82Page - Renesas Technology Corp M34571GD Datasheet HTML 83Page - Renesas Technology Corp M34571GD Datasheet HTML 84Page - Renesas Technology Corp M34571GD Datasheet HTML 85Page - Renesas Technology Corp M34571GD Datasheet HTML 86Page - Renesas Technology Corp M34571GD Datasheet HTML 87Page - Renesas Technology Corp M34571GD Datasheet HTML 88Page - Renesas Technology Corp M34571GD Datasheet HTML 89Page - Renesas Technology Corp M34571GD Datasheet HTML 90Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 126 page
background image
Rev.1.02
May 25, 2007
Page 86 of 124
REJ03B0179-0102
4571 Group
MACHINE INSTRUCTIONS (INDEX BY ALPHABET) (continued)
SUPT
(Set UPT flag)
Instruc-
tion
code
D9
D0
Number of
words
Number of
cycles
Flag CY
Skip condition
0
0
0
101
10
01 2 05 9 16
11
-
-
Opera-
tion:
(UPTF)
←1
Grouping:
Other operation
Description: Sets (1) to the high-order bit reference enable flag UPTF.
Note:
When the table reference instruction (TABP p) is executed,
the high-order 2 bits of ROM reference data is transferred
to the low-order 2 bits of register D.
SZB j
(Skip if Zero, Bit)
Instruc-
tion
code
D9
D0
Number of
words
Number of
cycles
Flag CY
Skip condition
0
0
0
010
00
j
j
2
02
j
16
11
-
(Mj(DP)) = 0
j = 0 to 3
Opera-
tion:
(Mj(DP)) = 0 ?
j = 0 to 3
Grouping:
Bit operation
Description: Skips the next instruction when the contents of bit j (bit
specified by the value j in the immediate field) of M(DP) is
“0”.
Executes the next instruction when the contents of bit j of
M(DP) is “1”.
SZC
(Skip if Zero, Carry flag)
Instruc-
tion
code
D9
D0
Number of
words
Number of
cycles
Flag CY
Skip condition
0
0
0
010
11
11 2 02 F 16
11
-
(CY) = 0
Opera-
tion:
(CY) = 0 ?
Grouping:
Arithmetic operation
Description: Skips the next instruction when the contents of carry flag
CY is “0”.
After skipping, the CY flag remains unchanged.
Executes the next instruction when the contents of the CY
flag is “1”.
SZD
(Skip if Zero, port D specified by register Y)
Instruc-
tion
code
D9
D0
Number of
words
Number of
cycles
Flag CY
Skip condition
0
0
0
010
01
00 2 02 4 16
2
2
-
(D(Y)) = 0
0
0
0
010
10
11 2 02 B 16 Grouping:
Input/Output operation
Description: Skips the next instruction when a bit of port D specified by
register Y is “0”. Executes the next instruction when the bit
is “1”.
Note:
(Y) = 0 to 4.
Do not execute this instruction if values except above are
set to register Y.
Opera-
tion:
(D(Y)) = 0 ?
(Y) = 0 to 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com