Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M34571GD Arkusz danych(PDF) 24 Page - Renesas Technology Corp

Numer części M34571GD
Szczegółowy opis  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M34571GD Arkusz danych(HTML) 24 Page - Renesas Technology Corp

Back Button M34571GD Datasheet HTML 20Page - Renesas Technology Corp M34571GD Datasheet HTML 21Page - Renesas Technology Corp M34571GD Datasheet HTML 22Page - Renesas Technology Corp M34571GD Datasheet HTML 23Page - Renesas Technology Corp M34571GD Datasheet HTML 24Page - Renesas Technology Corp M34571GD Datasheet HTML 25Page - Renesas Technology Corp M34571GD Datasheet HTML 26Page - Renesas Technology Corp M34571GD Datasheet HTML 27Page - Renesas Technology Corp M34571GD Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 126 page
background image
Rev.1.02
May 25, 2007
Page 24 of 124
REJ03B0179-0102
4571 Group
(4) Notes on interrupts
(1) Bit 3 of register I1
When the input of the P20/INT0 pin is controlled with the
bit 3 of register I1 in software, be careful about the
following notes.
• Depending on the input state of the P20/INT0 pin, the external
0 interrupt request flag (EXF0) may be set when the bit 3 of
register I1 is changed. In order to avoid the occurrence of an
unexpected interrupt, clear the bit 0 of register V1 to “0” (refer
to (1) in Figure 24) and then, change the bit 3 of register I1.
In addition, execute the SNZ0 instruction to clear the EXF0
flag to “0” after executing at least one instruction (refer to (2)
in Figure 24).
Also, set the NOP instruction for the case when a skip is
performed with the SNZ0 instruction (refer to (3) in Figure
24).
Fig 24. External 0 interrupt program example-1
(2) Bit 3 of register I1
When the bit 3 of register I1 is cleared to “0”, the RAM
back-up mode is selected and the input of INT0 pin is
disabled, be careful about the following notes.
• When the INT0 pin input is disabled (register I13 = “0”), set
the key-on wakeup of INT0 pin to be invalid (register L10 =
“0”) before system enters to the RAM back-up mode. (refer to
(1) in Figure 25).
Fig 25. External 0 interrupt program example-2
(3) Bit 2 of register I1
When the interrupt valid waveform of the P20/INT0 pin is
changed with the bit 2 of register I1 in software, be careful
about the following notes.
• Depending on the input state of the P20/INT0 pin, the external
1 interrupt request flag (EXF0) may be set when the bit 2 of
register I1 is changed. In order to avoid the occurrence of an
unexpected interrupt, clear the bit 0 of register V1 to “0” (refer
to (1) in Figure 26) and then, change the bit 2 of register I1 is
changed.
In addition, execute the SNZ0 instruction to clear the EXF0
flag to “0” after executing at least one instruction (refer to (2)
in Figure 26).
Also, set the NOP instruction for the case when a skip is
performed with the SNZ0 instruction (refer to (3) in Figure
26).
Fig 26. External 0 interrupt program example-3
•
•
•
LA
4
; (
×××02)
TV1A
; The SNZ0 instruction is valid ...... (1)
LA
8
; (1
×××2)
TI1A
; Control of INT0 pin input is changed
NOP
...................................................... (2)
SNZ0
; The SNZ0 instruction is executed
(EXF0 flag cleared)
NOP
...................................................... (3)
•
•
•
×: these bits are not used here.
•
•
•
LA
0
; (
×××02)
TL1A
; INT0 key-on wakeup disabled .....(1)
DI
EPOF
POF
; RAM back-up
•
•
•
×: these bits are not used here.
•
•
•
LA
4
; (
×××02)
TV1A
; The SNZ0 instruction is valid ......(1)
LA
12
; (1
×××2)
TI1A
; Interrupt valid waveform is changed
NOP
.......................................................(2)
SNZ0
; The SNZ0 instruction is executed
(EXF0 flag cleared)
NOP
.......................................................(3)
•
•
•
×: these bits are not used here.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com