Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M34571GD Arkusz danych(PDF) 70 Page - Renesas Technology Corp

Numer części M34571GD
Szczegółowy opis  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M34571GD Arkusz danych(HTML) 70 Page - Renesas Technology Corp

Back Button M34571GD Datasheet HTML 66Page - Renesas Technology Corp M34571GD Datasheet HTML 67Page - Renesas Technology Corp M34571GD Datasheet HTML 68Page - Renesas Technology Corp M34571GD Datasheet HTML 69Page - Renesas Technology Corp M34571GD Datasheet HTML 70Page - Renesas Technology Corp M34571GD Datasheet HTML 71Page - Renesas Technology Corp M34571GD Datasheet HTML 72Page - Renesas Technology Corp M34571GD Datasheet HTML 73Page - Renesas Technology Corp M34571GD Datasheet HTML 74Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 126 page
background image
Rev.1.02
May 25, 2007
Page 70 of 124
REJ03B0179-0102
4571 Group
INDEX LIST OF INSTRUCTION FUNCTION (continued)
Group
ing
Mnemonic
Function
Page
SNZT1
V12 = 0 : (T1F) = 1 ?
(T1F)
← 0
V12 = 1 : SNZT1=NOP
84, 111
SNZT2
V13 = 0 : (T2F) = 1 ?
(T2F)
← 0
V13 = 1 : SNZT2=NOP
85, 111
SNZT3
V20 = 0 : (T3F) = 1 ?
(T3F)
← 0
V20 = 1 : SNZT3=NOP
85, 111
IAP0
(A)
← (P0)
75, 113
OP0A
(P0)
← (A)
77, 113
IAP1
(A)
←(P1)
75, 113
OP1A
(P1)
← (A)
78, 113
IAP2
(A1, A0)
← (P21, P20)
(A3, A2)
← 0
76, 113
OP2A
(P21, P20)
← (A1, A0)
78, 113
IAP3
(A1, A0)
← (P31, P30)
(A3, A2)
← 0
76, 113
OP3A
(P31, P30)
← (A1, A0)
78, 113
CLD
(D)
← 1
73, 113
RD
(D(Y))
← 0
(Y) = 0 to 4
80, 113
SD
(D(Y))
← 1
(Y) = 0 to 4
82, 113
SZD
(D(Y)) = 0 ?
(Y) = 0 to 4
86, 113
RCP
(C)
← (0)
80, 113
SCP
(C)
← (1)
82, 113
IAK
(A0)
← (K)
(A3
−A1) ← 0
75, 113
TFR0A
(FR0)
← (A)
96, 113
TFR1A
(FR1)
← (A)
96, 113
TAPU0
(A)
← (PU0)
92, 113
TPU0A
(PU0)
← (A)
99, 113
TAPU1
(A)
← (PU1)
92, 113
TPU1A
(PU1)
← (A)
99, 113
TAPU2
(A)
← (PU2)
92, 113
TPU2A
(PU2)
← (A)
99, 113
Group
ing
Mnemonic
Function
Page
TAK0
(A)
← (K0)
90, 115
TK0A
(K0)
← (A)
97, 115
TAK1
(A)
← (K1)
91, 115
TK1A
(K1)
← (A)
97, 115
TAK2
(A)
← (K2)
91, 115
TK2A
(K2)
← (A)
97, 115
TAL1
(A)
← (L1)
91, 115
TL1A
(L1)
← (A)
98, 115
TAMR
(A)
← (MR)
92, 115
TMRA
(MR)
← (A)
98, 115
NOP
(PC)
← (PC)+1
77, 115
POF
RAM back-up
79, 115
EPOF
POF instruction valid
75, 115
SNZP
(P) = 1 ?
84, 115
SNZVD
V23 = 0 : (VDF) = 1?
V23 = 0 : NOP
85, 115
WRST
(WDF1) = 1 ?
(WDF1)
← 0
102, 115
DWDT
Stop of watchdog timer function
enabled
74, 115
SRST
System reset
85, 115
RUPT
(UPTF)
←0
81, 115
SUPT
(UPTF)
←1
86, 115
RBK
p6
← 0 when TABP p instruction is
executed
79, 115
SBK
p6
← 1 when TABP p instruction is
executed
82, 115



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com