Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M34571GD Arkusz danych(PDF) 76 Page - Renesas Technology Corp

Numer części M34571GD
Szczegółowy opis  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M34571GD Arkusz danych(HTML) 76 Page - Renesas Technology Corp

Back Button M34571GD Datasheet HTML 72Page - Renesas Technology Corp M34571GD Datasheet HTML 73Page - Renesas Technology Corp M34571GD Datasheet HTML 74Page - Renesas Technology Corp M34571GD Datasheet HTML 75Page - Renesas Technology Corp M34571GD Datasheet HTML 76Page - Renesas Technology Corp M34571GD Datasheet HTML 77Page - Renesas Technology Corp M34571GD Datasheet HTML 78Page - Renesas Technology Corp M34571GD Datasheet HTML 79Page - Renesas Technology Corp M34571GD Datasheet HTML 80Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 126 page
background image
Rev.1.02
May 25, 2007
Page 76 of 124
REJ03B0179-0102
4571 Group
MACHINE INSTRUCTIONS (INDEX BY ALPHABET) (continued)
IAP2
(Input Accumulator from port P2)
Instruc-
tion
code
D9
D0
Number of
words
Number of
cycles
Flag CY
Skip condition
1
0
0
110
00
10 2 26 2 16
11
-
-
Opera-
tion:
(A1, A0)
← (P21, P20)
(A3, A2)
← 0
Grouping:
Input/Output operation
Description: Transfers the input of port P2 to the low-order 2 bits (A1,
A0) of register A.
“0” is stored to the high-order 2 bits (A3, A2) of register A.
IAP3
(Input Accumulator from port P3)
Instruc-
tion
code
D9
D0
Number of
words
Number of
cycles
Flag CY
Skip condition
1
0
0
110
00
11 2 26 3 16
11
-
-
Opera-
tion:
(A1, A0)
← (P31, P30)
(A3, A2)
← 0
Grouping:
Input/Output operation
Description: Transfers the input of port P3 to the low-order 2 bits (A1,
A0) of register A.
“0” is stored to the high-order 2 bits (A3, A2) of register A.
INY
(INcrement register Y)
Instruc-
tion
code
D9
D0
Number of
words
Number of
cycles
Flag CY
Skip condition
0
0
0
001
00
11 2 01 3 16
11
-
(Y) = 0
Opera-
tion:
(Y)
← (Y) + 1
Grouping:
RAM addresses
Description: Adds 1 to the contents of register Y. As a result of addition,
when the contents of register Y is 0, the next instruction is
skipped. When the contents of register Y is not 0, the next
instruction is executed.
LA n
(Load n in Accumulator)
Instruc-
tion
code
D9
D0
Number of
words
Number of
cycles
Flag CY
Skip condition
0
0
0
111
nn
nn 2 07 n 16
11
-
Continuous
description
Opera-
tion:
(A)
← n
n = 0 to 15
Grouping:
Arithmetic operation
Description: Loads the value n in the immediate field to register A.
When the LA instructions are continuously coded and exe-
cuted, only the first LA instruction is executed and other LA
instructions coded continuously are skipped.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com