Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M34571GD Arkusz danych(PDF) 102 Page - Renesas Technology Corp

Numer części M34571GD
Szczegółowy opis  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M34571GD Arkusz danych(HTML) 102 Page - Renesas Technology Corp

Back Button M34571GD Datasheet HTML 98Page - Renesas Technology Corp M34571GD Datasheet HTML 99Page - Renesas Technology Corp M34571GD Datasheet HTML 100Page - Renesas Technology Corp M34571GD Datasheet HTML 101Page - Renesas Technology Corp M34571GD Datasheet HTML 102Page - Renesas Technology Corp M34571GD Datasheet HTML 103Page - Renesas Technology Corp M34571GD Datasheet HTML 104Page - Renesas Technology Corp M34571GD Datasheet HTML 105Page - Renesas Technology Corp M34571GD Datasheet HTML 106Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 126 page
background image
Rev.1.02
May 25, 2007
Page 102 of 124
REJ03B0179-0102
4571 Group
MACHINE INSTRUCTIONS (INDEX BY ALPHABET) (continued)
WRST
(Watchdog timer ReSeT)
Instruc-
tion
code
D9
D0
Number of
words
Number of
cycles
Flag CY
Skip condition
1
0
1
010
00
00 2 2A0 16
11
-
(WDF1) = 1
Opera-
tion:
(WDF1) = 1 ?
(WDF1)
← 0
Grouping:
Other operation
Description: Clears (0) to the WDF1 flag and skips the next instruction
when watchdog timer flag WDF1 is “1”. When the WDF1
flag is “0”, executes the next instruction. Also, stops the
watchdog timer function when executing the WRST
instruction immediately after the DWDT instruction.
XAM j
(eXchange Accumulator and Memory data)
Instruc-
tion
code
D9
D0
Number of
words
Number of
cycles
Flag CY
Skip condition
10
11
0
1
j
j
j
j
2
2D
j
16
11
-
-
Opera-
tion:
(A)
← → (M(DP))
(X)
← (X)EXOR(j)
j = 0 to 15
Grouping:
RAM to register transfer
Description: After exchanging the contents of M(DP) with the contents
of register A, an exclusive OR operation is performed
between register X and the value j in the immediate field,
and stores the result in register X.
XAMD j
(eXchange Accumulator and Memory data and Decrement register Y and skip)
Instruc-
tion
code
D9
D0
Number of
words
Number of
cycles
Flag CY
Skip condition
10
11
1
1
j
j
j
j
2
2F
j
16
11
-
(Y) = 15
Opera-
tion:
(A)
← → (M(DP))
(X)
← (X)EXOR(j)
j = 0 to 15
(Y)
← (Y) −1
Grouping:
RAM to register transfer
Description: After exchanging the contents of M(DP) with the contents
of register A, an exclusive OR operation is performed
between register X and the value j in the immediate field,
and stores the result in register X.
Subtracts 1 from the contents of register Y.
As a result of subtraction, when the contents of register Y
is 15, the next instruction is skipped. When the contents of
register Y is not 15, the next instruction is executed.
XAMI j
(eXchange Accumulator and Memory data and Increment register Y and skip)
Instruc-
tion
code
D9
D0
Number of
words
Number of
cycles
Flag CY
Skip condition
10
11
1
0
j
j
j
j
2
2E
j
16
11
-
(Y) = 0
Opera-
tion:
(A)
← → (M(DP))
(X)
← (X)EXOR(j)
j = 0 to 15
(Y)
← (Y) + 1
Grouping:
RAM to register transfer
Description: After exchanging the contents of M(DP) with the contents
of register A, an exclusive OR operation is performed
between register X and the value j in the immediate field,
and stores the result in register X.
Adds 1 to the contents of register Y. As a result of addition,
when the contents of register Y is 0, the next instruction is
skipped. When the contents of register Y is not 0, the next
instruction is executed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com