Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M34571GD Arkusz danych(PDF) 116 Page - Renesas Technology Corp

Numer części M34571GD
Szczegółowy opis  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M34571GD Arkusz danych(HTML) 116 Page - Renesas Technology Corp

Back Button M34571GD Datasheet HTML 112Page - Renesas Technology Corp M34571GD Datasheet HTML 113Page - Renesas Technology Corp M34571GD Datasheet HTML 114Page - Renesas Technology Corp M34571GD Datasheet HTML 115Page - Renesas Technology Corp M34571GD Datasheet HTML 116Page - Renesas Technology Corp M34571GD Datasheet HTML 117Page - Renesas Technology Corp M34571GD Datasheet HTML 118Page - Renesas Technology Corp M34571GD Datasheet HTML 119Page - Renesas Technology Corp M34571GD Datasheet HTML 120Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 126 page
background image
Rev.1.02
May 25, 2007
Page 116 of 124
REJ03B0179-0102
4571 Group
Skip condition
Detailed description
−−
Transfers the contents of key-on wakeup control register K0 to register A.
−−
Transfers the contents of register A to key-on wakeup control register K0.
−−
Transfers the contents of key-on wakeup control register K1 to register A.
−−
Transfers the contents of register A to key-on wakeup control register K1.
−−
Transfers the contents of key-on wakeup control register K2 to register A.
−−
Transfers the contents of register A to key-on wakeup control register K2.
−−
Transfers the contents of key-on wakeup control register L1 to register A.
−−
Transfers the contents of register A to key-on wakeup control register L1.
−−
Transfers the contents of clock control register MR to register A.
−−
Transfers the contents of register A to clock control register MR.
−−
No operation; Adds 1 to program counter value, and others remain unchanged.
−−
Puts the system in RAM back-up state by executing the POF instruction after executing the EPOF
instruction.
Operations of all functions are stopped.
−−
Makes the immediate after POF instruction valid by executing the EPOF instruction.
(P) = 1
−
Skips the next instruction when the P flag is “1”.
After skipping, the P flag remains unchanged.
Executes the next instruction when the P flag is “0”.
(WDF1) = 1
Clears (0) to the WDF1 flag and skips the next instruction when watchdog timer flag WDF1 is “1”. When the
WDF1 flag is “0”, executes the next instruction. Also, stops the watchdog timer function when executing the
WRST instruction immediately after the DWDT instruction.
−−
Stops the watchdog timer function by the WRST instruction after executing the DWDT instruction.
−−
System reset occurs.
−−
Clears (0) to the high-order bit reference enable flag UPTF.
−−
Sets (1) to the high-order bit reference enable flag UPTF.
V23 = 0 : (VDF) = 1
−
When V23 = 0 : Skips the next instruction when voltage detector interrupt request flag VDF is “1”. The VDF
flag is not cleared to “0“. When the VDF flag is “0”, executes the next instruction.
When V23 = 1 : This instruction is equivalent to the NOP instruction.
−−
Sets referring data area to pages 0 to 63 when the TABP p instruction is executed. This instruction is valid
only for the TABP p instruction.
−−
Sets referring data area to pages 64 to 127 when the TABP p instruction is executed. This instruction is valid
only for the TABP p instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com