Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M34571GD Arkusz danych(PDF) 122 Page - Renesas Technology Corp

Numer części M34571GD
Szczegółowy opis  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M34571GD Arkusz danych(HTML) 122 Page - Renesas Technology Corp

Back Button M34571GD Datasheet HTML 118Page - Renesas Technology Corp M34571GD Datasheet HTML 119Page - Renesas Technology Corp M34571GD Datasheet HTML 120Page - Renesas Technology Corp M34571GD Datasheet HTML 121Page - Renesas Technology Corp M34571GD Datasheet HTML 122Page - Renesas Technology Corp M34571GD Datasheet HTML 123Page - Renesas Technology Corp M34571GD Datasheet HTML 124Page - Renesas Technology Corp M34571GD Datasheet HTML 125Page - Renesas Technology Corp M34571GD Datasheet HTML 126Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 122 / 126 page
background image
Rev.1.02
May 25, 2007
Page 122 of 124
REJ03B0179-0102
4571 Group
Electrical characteristics
Note 1.The voltage drop detection circuit operation current (IRST) is added.
Table 28 Electrical characteristics 1 (Ta = –20
°C to 85 °C, VDD = 1.8 to 5.5 V, unless otherwise noted)
Symbol
Parameter
Test conditions
Limits
Unit
Min.
Typ.
Max.
VOH
“H” level output voltage
P3, D0–D4
VDD = 5V
IOH =
−10mA
3
V
CNTR0
IOH =
−3mA
4.1
VDD = 3V
IOH =
−5mA
2.1
IOH =
−1mA
2.4
VOH
“H” level output voltage
C
CNTR1
VDD = 5V
IOL =
−20mA
3
V
IOL =
−6mA
4.1
VDD = 3V
IOL =
−10mA
2.1
IOL =
−3mA
2.4
VOL
“L” level output voltage
P0, P1, P2, P3, D0–D4
RESET, C, CNTR0, CNTR1
VDD = 5V
IOL = 15mA
2
V
IOL = 5mA
0.9
VDD = 3V
IOL = 9mA
1.4
IOL = 3mA
0.9
IIH
“H” level input current
P0, P1, P2, P3, D0–D4, K
RESET, INT0, INT1
CNTR0
VI = VDD
2
µA
IIL
“L” level input current
P0, P1, P2, P3, D0–D4, K
RESET, INT0, INT1
CNTR0
VI = 0V
P0, P1, P2
No pull-up
−2
µA
RPU
Pull-up resistor value
P0, P1, P2
RESET
VI = 0V
VDD = 5V
30
60
125
k
Ω
VDD = 3V
50
120
250
VT+
−VT−
Hysteresis
RESET, INT0, INT1
VDD = 5V
1
V
VDD = 3V
0.4
VT+
−VT−
Hysteresis
CNTR0
VDD = 5V
0.2
V
VDD = 3V
0.2
IDD
Supply current
at active mode
(with a ceramic resonator)
(Note 1)
VDD = 5V
f(XIN) = 6MHz
f(RING) = stop
f(STCK) = f(XIN)/8
1.2
2.4
mA
f(STCK) = f(XIN)/4
1.3
2.6
f(STCK) = f(XIN)/2
1.6
3.2
f(STCK) = f(XIN)2.2
4.4
VDD = 3V
f(XIN) = 4MHz
f(RING) = stop
f(STCK) = f(XIN)/8
0.3
0.6
mA
f(STCK) = f(XIN)/4
0.4
0.8
f(STCK) = f(XIN)/2
0.6
1.2
f(STCK) = f(XIN)0.8
1.6
at RAM back-up mode
(POF instruction execution)
Ta = 25
°C0.1
3
µA
VDD = 5V
10
VDD = 3V
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com