| Zakładka z wyszukiwarką danych komponentów |
|
PIC12F615 Arkusz danych(PDF) 39 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC12F615 Arkusz danych(HTML) 39 Page - Microchip Technology |
|
39 / 168 page ![]() © 2006 Microchip Technology Inc. Preliminary DS41302A-page 37 PIC12F609/615/12HV609/615 4.2.4.4 GP3/T1G(1, 2)/MCLR/VPP Figure 4-3 shows the diagram for this pin. The GP3 pin is configurable to function as one of the following: • a general purpose input • a Timer1 gate (count enable), alternate pin (1, 2) • as Master Clear Reset with weak pull-up FIGURE 4-3: BLOCK DIAGRAM OF GP3 Note 1: Alternate pin function. 2: PIC12F615/HV615 only. VSS D Q CK Q D EN Q Data Bus RD GPIO RD GPIO WR IOC RD IOC Reset MCLRE RD TRISIO VSS D EN Q MCLRE VDD Weak MCLRE Q1 Input Pin Interrupt-on- Change S(1) R Q From other Write ‘0’ to GBIF Note 1: Set has priority over Reset GP<5:4, 2:0> pins |