Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PLMX2624PAP/EM Arkusz danych(PDF) 13 Page - Texas Instruments

Numer części PLMX2624PAP/EM
Szczegółowy opis  LMX2624-SP 5MHz to 28GHz Wideband Synthesizer With Phase Synchronization and JESD204B/C Support
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

PLMX2624PAP/EM Arkusz danych(HTML) 13 Page - Texas Instruments

Back Button PLMX2624PAP/EM Datasheet HTML 9Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 10Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 11Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 12Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 13Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 14Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 15Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 16Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 65 page
background image
3.2 V ≤ VCC ≤ 3.45 V, –55°C ≤ TC ≤ +125°C., OSCIN = 100MHz, SM Clock = 12.5MHz, Typical values are at VCC = 3.3 V,
25°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Lock time
No Assist mode;
RFOUTA from
9.5GHz to
9.52GHz;Loop
Bandwidth =
300KHz, PFD
Frequency =
100MHz;
3000
µs
Lock time
Full Assist mode,
Loop Bandwidth
= 300KHz, PFD
Frequency =
100MHz;
RFOUTA from
9.5GHz to
9.52GHz, 1PPM
settling around
RFOUT
16
µs
KVCO
VCO Gain
8.1 GHz
94
MHz/V
KVCO
VCO Gain
9.3 GHz
106
MHz/V
KVCO
VCO Gain
10.4 GHz
122
MHz/V
KVCO
VCO Gain
11.4 GHz
148
MHz/V
KVCO
VCO Gain
12.5 GHz
185
MHz/V
KVCO
VCO Gain
13.6 GHz
202
MHz/V
KVCO
VCO Gain
14.7 GHz
233
MHz/V
|ΔTCL|
Allowable temperature drift when
VCO is not re-calibrated
configured in SPI mode
125
°C
H2
VCO second harmonic
fVCO = 8 GHz,
divider disabled
–30
dBc
H3
VCO third harmonic
fVCO = 8 GHz,
divider disabled
−25
dBc
www.ti.com
LMX2624-SP
SNAS849 – DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: LMX2624-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com