Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PLMX2624PAP/EM Arkusz danych(PDF) 54 Page - Texas Instruments

Numer części PLMX2624PAP/EM
Szczegółowy opis  LMX2624-SP 5MHz to 28GHz Wideband Synthesizer With Phase Synchronization and JESD204B/C Support
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

PLMX2624PAP/EM Arkusz danych(HTML) 54 Page - Texas Instruments

Back Button PLMX2624PAP/EM Datasheet HTML 50Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 51Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 52Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 53Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 54Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 55Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 56Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 57Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 58Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 65 page
background image
8.4.2 Layout Example
Figure 8-6. LMX2624-SP Layout Example
8.4.3 Footprint Example on PCB Layout
Figure 8-7. LMX2624-SP PCB Layout (TBD)
8.4.4 Radiation Environments
Careful consideration must be given to environmental conditions when using a product in a radiation
environment.
8.4.4.1 Total Ionizing Dose
Radiation Hardness Assured (RHA) products are those part numbers with a total ionizing dose (TID) level
specified in the ordering information. Testing and qualification of these product is done on a wafer level
according to MIL-STD-883, test method 1019. Wafer level TID data are available with lot shipments.
8.4.4.2 Single Event Effect
One time single event effect (SEE), including single event latch-up (SEL), single event functional interrupt (SEFI)
and single event upset (SEU), testing is performed according to EIA/JEDEC Standard, EIA/JEDEC57. A test
report is available upon request.
LMX2624-SP
SNAS849 – DECEMBER 2024
www.ti.com
54
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LMX2624-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com