Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PLMX2624PAP/EM Arkusz danych(PDF) 24 Page - Texas Instruments

Numer części PLMX2624PAP/EM
Szczegółowy opis  LMX2624-SP 5MHz to 28GHz Wideband Synthesizer With Phase Synchronization and JESD204B/C Support
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

PLMX2624PAP/EM Arkusz danych(HTML) 24 Page - Texas Instruments

Back Button PLMX2624PAP/EM Datasheet HTML 20Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 21Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 22Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 23Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 24Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 25Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 26Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 27Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 65 page
background image
Table 6-9. Channel Divider Segments
EQUIVALENT DIVISION
VALUE
FREQUENCY LIMITATION
OutMin (MHz)
OutMax (MHz)
CHDIV[4:0]
2
None
3750
7500
1
4
1875
3750
2
6
fVCO ≤ 12GHz
1250
2000
8
937.5
1500
4
12
625
1000
5
16
468.75
750
6
24
312.5
500
7
32
234.375
375
8
48
156.25
250
9
64
117.1875
187.5
10
96
78.125
125
11
128
58.59375
93.75
12
192
39.0625
62.5
13
256
29.296875
46.875
14
384
19.53125
31.25
15
512
14.6484375
23.4375
16
768
9.765625
15.625
17
1024
7.32421875
11.71875
18
1536
4.8828125
7.8125
19
The channel divider is powered up whenever an output (OUTMUXx) is selected to the channel divider or SysRef,
regardless of whether the output is powered down or not. When an output is not used, TI recommends selecting
the VCO output to verify that the channel divider is not unnecessarily powered up.
Table 6-10. Channel Divider
RFOUTA
RFOUTB
CHANNEL DIVIDER (CDIV) Status
Channel Divider
Channel Divider
Powered up
Channel Divider
VCO
Powered up
VCO
Channel Divider
Powered up
Doubler
Channel Divider
Powered up
VCO
VCO
Powered down
VCO
Doubler
Powered down
Doubler
VCO
Powered down
Doubler
Doubler
Powered down
6.3.9 Output Mute Pin and Ping Pong Approaches
The output buffer can be muted or unmuted using the MUTE pin. The polarity of this pin is programmable
with the PINMUTE_POL bit in SPI mode. When the output is muted, the PLL stays in lock, so this can be
used to combine multiple synthesizers for faster lock time. The PLL with the muted output can be accepting
programming commands or even locking to a new frequency. As the output is muted, the unwanted signal is
greatly attenuated and can be further attenuated with an external RF switch.
MuteA and MuteB pins are provided to Mute RFOUTA and RFOUTB independently. While One output is Muted,
other output can be operated normally. MuteA and MuteB pins works in both Pin Mode as well as SPI mode. In
SPI mode, MuteA and MuteB operation can be set to operate either through register settings or through MuteA
and MuteB pins.
LMX2624-SP
SNAS849 – DECEMBER 2024
www.ti.com
24
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LMX2624-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com