| Zakładka z wyszukiwarką danych komponentów |
|
PLMX2624PAP/EM Arkusz danych(PDF) 4 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
PLMX2624PAP/EM Arkusz danych(HTML) 4 Page - Texas Instruments |
|
4 / 65 page ![]() 4 Pin Configuration and Functions 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 NDIV2 NDIV1 NDIV0 GND VbiasVCO GND REF_DBLR_EN GND CAL/CE SYNC VccDIG OSCinP OSCinM VregIN OUTMUX2 OUTMUX1 RECAL _EN VrefVCO2 SyRefReq VbiasVCO2 VccVCO2 GND VccBUF RFoutAM GND RFOUTAP GND VccBUF GND CSB MUXout NC DAP (Die A ach Pad) Digital Power supply Ground Other Clock In, Out Bias Figure 4-1. HBD Package 64-Pin CQFP Top View Table 4-1. Pin Functions PIN I/O TYPE DESCRIPTION NO. NAME 1 NDIV2 I 4-level pin Integer N divider bit 2 in Pin-mode. This is part of NDIV5-NDIV0, 6 bit value for N divider setting. Refer Pin-mode description details in Pin-Mode Integer Frequency Generation for more details. 2 NDIV1 I 4-level pin Integer N divider bit 1 in Pin-mode. This is part of NDIV5-NDIV0, 6 bit value for N divider setting. Refer Pin-mode description details in Pin-Mode Integer Frequency Generation for more details. 3 NDIV0 I 4-level pin Integer N divider bit 0 in Pin-mode. This is part of NDIV5-NDIV0, 6 bit value for N divider setting. Refer Pin-mode description details in Pin-Mode Integer Frequency Generation for more details. 4 GND — — Ground 5 VbiasVCO — — VCO bias. Requires connecting 10-µF capacitor to ground. Place close to pin. 6 GND — — Ground 7 REF_DBLR_EN I — Input Reference Doubler enable in Pin-mode. A HIGH on this pin enables the reference doubler and LOW on this pin bypass the Input Reference Doubler. Refer Pin-mode description details in Pin-Mode Integer Frequency Generation for more details. 8 CAL/CE I — Chip enable. In Pin Mode (not SPI-mode), rising edges presented to this pin activate the VCO calibration. In SPI-mode, this pin acts like CE where a high on CE pin make device to enable and Low disables the device. LMX2624-SP SNAS849 – DECEMBER 2024 www.ti.com 4 Submit Document Feedback Copyright © 2024 Texas Instruments Incorporated Product Folder Links: LMX2624-SP |