Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PLMX2624PAP/EM Arkusz danych(PDF) 34 Page - Texas Instruments

Numer części PLMX2624PAP/EM
Szczegółowy opis  LMX2624-SP 5MHz to 28GHz Wideband Synthesizer With Phase Synchronization and JESD204B/C Support
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

PLMX2624PAP/EM Arkusz danych(HTML) 34 Page - Texas Instruments

Back Button PLMX2624PAP/EM Datasheet HTML 30Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 31Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 32Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 33Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 34Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 35Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 36Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 37Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 65 page
background image
6.3.18 SYSREF
The LMX2624-SP can generate a SYSREF output signal that is synchronized to fOUT with a programmable
delay. This output can be a single pulse, series of pulses, or a continuous stream of pulses. To use the SYSREF
capability, the PLL must first be placed in SYNC mode with VCO_PHASE_SYNC_EN = 1.
IncludedDivide
Rest of Channel
Divider
RFoutA
RFoutB
To Phase
Detector
Delay Circuit
fVCO
fOUT
fSYSREF
Divider
(SYSREF_DIV_PRE)
MUX
N Divider
SysRefReq Pin
Re-clocking
Circuit
Divider
(SYSREF_DIV)
1/2
Figure 6-9. SYSREF Setup
As Figure 6-9 shows, the SYSREF feature uses IncludedDivide and SYSREF_DIV_PRE divider to generate
fINTERPOLATOR. This frequency is used for re-clocking of the rising and falling edges at the SysRefReq pin. In
SYSREF generation mode, the fINTERPOLATOR is further divided by 2×SYSREF_DIV to generate finite series or
continuous stream of pulses.
Table 6-17. SYSREF Setup
PARAMETER
MIN
TYP
MAX
UNIT
fVCO
7500
15000
MHz
fINTERPOLATOR
0.8
1.5
GHz
IncludedDivide
4 or 6
SYSREF_DIV_PRE
1, 2, or 4
SYSREF_DIV
4,6,8, ..., 4098
fINTERPOLATOR
fPRESYSREF = fVCO /(IncludedDivide ×
SYSREF_DIV_PRE)
fSYSREF
fSYSREF = fINTERPOLATOR / (2 × SYSREF_DIV)
Delay step size
9
ps
Pulses for pulsed mode (SYSREF_PULSE_CNT)
0
15
n/a
The delay can be programmed using the JESD_DAC1_CTRL, JESD_DAC2_CTRL, JESD_DAC3_CTRL, and
JESD_DAC4_CTRL fields. By concatenating these fields into a larger word called "SYSREFPHASESHIFT", the
relative delay can be found. The sum of these words must always be 63.
LMX2624-SP
SNAS849 – DECEMBER 2024
www.ti.com
34
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LMX2624-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com