Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PLMX2624PAP/EM Arkusz danych(PDF) 29 Page - Texas Instruments

Numer części PLMX2624PAP/EM
Szczegółowy opis  LMX2624-SP 5MHz to 28GHz Wideband Synthesizer With Phase Synchronization and JESD204B/C Support
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

PLMX2624PAP/EM Arkusz danych(HTML) 29 Page - Texas Instruments

Back Button PLMX2624PAP/EM Datasheet HTML 25Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 26Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 27Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 28Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 29Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 30Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 31Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 32Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 65 page
background image
Table 6-14. Recommended Treatment of Pins (continued)
Pins
SPI Mode
Pin Mode
Recommended Treatment if NOT Used
OSCinP,OSCinM
Always
Used
Always Used GND with 50 Ω to ground after the AC-coupling capacitor. If one side of complimentary
side is used and other side is not, impedance looking out must be similar for both of
these pins.
SCK, SDI
Always
Used
Never Used
GND with 1 kΩ
CSB
Always
Used
Never Used
VCC with 1 kΩ
RECAL_EN
Sometimes
Used
Sometimes
Used
Internally pulled to VCC with 200 kΩ. When RECAL function is not used, GND with 1kΩ.
RFoutAP, RFoutAM,
RFoutBP, RFoutBM
Sometimes
Used
Sometimes
Used
If both of the differential output pins are unused, the pins can be left floating and power
down using SPI-mode or Mute the pins using Pin-mode options. If only one side of
complimentary output is used, connect the unused pin to GND with 50 Ω through AC
coupling capacitor.
OUTMUX2,
OUTMUX1,
OUTMUX0
Sometimes
Used
Always used GND with 1 kΩ
REF_DBLR_EN
Never used Some times
used
GND with 1 kΩ
MuteA, MuteB
Sometimes
used
Always used GND with 1 kΩ
6.3.15 Phase Synchronization
6.3.15.1 General Concept
The SYNC pin allows one to synchronize the LMX2624-SP such that the delay from the rising edge of the OSCin
signal to the output signal is deterministic. Initially, the devices are locked to the input, but are not synchronized.
The user sends a synchronization pulse that is reclocked to the next rising edge of the OSCin pulse. After a
given time, t1, the phase relationship from OSCin to fOUT is deterministic. This time is dominated by the sum of
the VCO calibration time, the analog setting time of the PLL loop, and the MASH_RST_CNT if used in fractional
mode.
Device 1
Device 2
SYNC
f
OSC
...
...
...
...
t
1
t
2
Figure 6-6. Devices Are Now Synchronized to OSCin Signal
www.ti.com
LMX2624-SP
SNAS849 – DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: LMX2624-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com