Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32G474VBH6 Arkusz danych(PDF) 165 Page - STMicroelectronics

Numer części STM32G474VBH6
Szczegółowy opis  Arm® Cortex®-M4 32b MCUFPU, up to 512 KB Flash, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math accelerator, 184ps 12ch Hi-res timer
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G474VBH6 Arkusz danych(HTML) 165 Page - STMicroelectronics

Back Button STM32G474VBH6 Datasheet HTML 161Page - STMicroelectronics STM32G474VBH6 Datasheet HTML 162Page - STMicroelectronics STM32G474VBH6 Datasheet HTML 163Page - STMicroelectronics STM32G474VBH6 Datasheet HTML 164Page - STMicroelectronics STM32G474VBH6 Datasheet HTML 165Page - STMicroelectronics STM32G474VBH6 Datasheet HTML 166Page - STMicroelectronics STM32G474VBH6 Datasheet HTML 167Page - STMicroelectronics STM32G474VBH6 Datasheet HTML 168Page - STMicroelectronics STM32G474VBH6 Datasheet HTML 169Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 232 page
background image
DS12288 Rev 1
165/232
STM32G474xB STM32G474xC STM32G474xE
Electrical characteristics
201
5.3.22
Comparator characteristics
Table 79. COMP characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDDA
Analog supply voltage
-
1.62
-
3.6
V
VIN
Comparator input voltage
range
-0
-
VDDA
VBG(2)
Scaler input voltage
-
VREFINT
VSC(3)
Scaler offset voltage
-
-
±5
±10
mV
IDDA(SCALER)
Scaler static consumption from
VDDA
BRG_EN=0 (bridge disable)
-
200
300
nA
BRG_EN=1 (bridge enable)
-
0.8
1
µA
tSTART_SCALER Scaler startup time
-
-
100
200
µs
tSTART
Comparator startup time to
reach propagation delay
specification
--
-
5
µs
tD(4)
Propagation delay (From
COMP input pin to COMP
output pin) for 200 mV step
with 100 mV overdrive
50pF load on
output
VDDA < 2.7 V
-
-
35
ns
VDDA ≥2.7 V
-
16.7
31
ns
Voffset(3)
Comparator offset error
Full VDDA voltage range, full
temperature range
-9
-6/+2
3
mV
Vhys
Comparator hysteresis
HYST[2:0] = 0
-
0
-
mV
HYST[2:0] =1
4
9
16
HYST[2:0] = 2
7
18
32
HYST[2:0] = 3
11
27
47
HYST[2:0] = 4
15
36
63
HYST[2:0] = 5
19
45
79
HYST[2:0] = 6
23
54
95
HYST[2:0] = 7
26
63
110
IDDA(COMP)
Comparator consumption from
VDDA
Static
-
450
720
µA
With 50 kHz ±100 mV overdrive
square signal
-TBD
-
1. Guaranteed by design, unless otherwise specified.
2. Refer to Table 20: Embedded internal voltage reference.
3. Guaranteed by characterization results.
4. Typical value (3V) is an average for all comparators propagation delay.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com