Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32G474VBH6 Arkusz danych(PDF) 166 Page - STMicroelectronics

Numer części STM32G474VBH6
Szczegółowy opis  Arm® Cortex®-M4 32b MCUFPU, up to 512 KB Flash, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math accelerator, 184ps 12ch Hi-res timer
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G474VBH6 Arkusz danych(HTML) 166 Page - STMicroelectronics

Back Button STM32G474VBH6 Datasheet HTML 162Page - STMicroelectronics STM32G474VBH6 Datasheet HTML 163Page - STMicroelectronics STM32G474VBH6 Datasheet HTML 164Page - STMicroelectronics STM32G474VBH6 Datasheet HTML 165Page - STMicroelectronics STM32G474VBH6 Datasheet HTML 166Page - STMicroelectronics STM32G474VBH6 Datasheet HTML 167Page - STMicroelectronics STM32G474VBH6 Datasheet HTML 168Page - STMicroelectronics STM32G474VBH6 Datasheet HTML 169Page - STMicroelectronics STM32G474VBH6 Datasheet HTML 170Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 232 page
background image
Electrical characteristics
STM32G474xB STM32G474xC STM32G474xE
166/232
DS12288 Rev 1
5.3.23
Operational amplifiers characteristics
Table 80. OPAMP characteristics(1) (2)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDDA
Analog supply voltage
-
2
3.3
3.6
V
CMIR
Common mode input
range
-0
-
VDDA
V
VIOFFSET(3) Input offset voltage
25 °C, No Load on output.
-
-
±1.5
mV
All voltage/temperature.
-
-
±3
∆VIOFFSET
Input offset voltage
drift
--
±10
-
μV/°C
TRIMOFFSE
TP
Offset trim step at low
common input voltage
(0.1 ₓ VDDA)
--
1.1
1.2
mV
TRIMOFFSE
TN
Offset trim step at high
common input voltage
(0.9 ₓ VDDA)
--
1.3
1.65
ILOAD
Drive current
-
-
-
500
µA
ILOAD_PGA
Drive current in PGA
mode
-
-
-
270
CLOAD
Capacitive load
-
-
-
50
pF
CMRR
Common mode
rejection ratio
--
60
-
dB
PSRR
Power supply rejection
ratio
CLOAD ≤ 50 pf,
RLOAD ≥ 4 kΩ DC Vcom=VDDA/2
TBD
80
-
dB
GBW
Gain Bandwidth
Product
100mV ≤ Output dynamic range ≤ VDDA -
100mV
713
-
MHz
SR(3)
Slew rate
(from 10 and 90% of
output voltage)
Normal mode
2.5
6.5
-
V/µs
High-speed mode
18
45
-
AO
Open loop gain
100mV ≤ Output dynamic range ≤ VDDA -
100mV
65
95
-
dB
200mV ≤ Output dynamic range ≤ VDDA -
200mV
75
95
-
VOHSAT(3)
High saturation
voltage
Iload = max or Rload = min Input at VDDA.
Follower mode
VDDA
- 100
--
mV
VOLSAT(3)
Low saturation voltage
Iload = max or Rload = min Input at 0.
Follower mode
-
-
100
φm
Phase margin
Follower mode, Vcom=VDDA/2
-
65
-
°
GM
Gain margin
Follower mode, Vcom=VDDA/2
-
10
-
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com