Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LP5523TM/NOPB Arkusz danych(PDF) 32 Page - Texas Instruments

Numer części LP5523TM/NOPB
Szczegółowy opis  LP5523 Nine-Channel RGB- and White-LED Driver With Internal Program Memory and Integrated Charge Pump – DSBGA Package
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments

LP5523TM/NOPB Arkusz danych(HTML) 32 Page - Texas Instruments

Back Button LP5523TM/NOPB Datasheet HTML 28Page - Texas Instruments LP5523TM/NOPB Datasheet HTML 29Page - Texas Instruments LP5523TM/NOPB Datasheet HTML 30Page - Texas Instruments LP5523TM/NOPB Datasheet HTML 31Page - Texas Instruments LP5523TM/NOPB Datasheet HTML 32Page - Texas Instruments LP5523TM/NOPB Datasheet HTML 33Page - Texas Instruments LP5523TM/NOPB Datasheet HTML 34Page - Texas Instruments LP5523TM/NOPB Datasheet HTML 35Page - Texas Instruments LP5523TM/NOPB Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 61 page
background image
00000000
10000000
11111111
PWM Bits
100
75
50
25
0
32
LP5523
SNVS550E – SEPTEMBER 2009 – REVISED JANUARY 2017
www.ti.com
Product Folder Links: LP5523
Submit Documentation Feedback
Copyright © 2009–2017, Texas Instruments Incorporated
The PWM duty cycle at temperature T (in centigrade) can be obtained as follows: PWMF = [PWMS – (25 – T) ×
correction factor × PWMS] / 2, where PWMF is the final duty cycle at temperature T, PWMS is the set PWM duty
cycle (PWM duty cycle is set in registers 16H to 1EH) and the value of the correction factor is obtained from the
table above.
For example, if the set PWM duty cycle in register 16H is 90%, temperature T is
−10°C, and the chosen
correction factor is 1.5% 1/°C, the final duty-cycle PWMF for D1 output is [90% – (25°C − (−10°C)) × 1.5% 1/°C ×
90%] / 2 = [90% – 35 × 0.015 × 90%] / 2 = 21.4%. Default setting 00000 means that the temperature
compensation is non-active and the PWM output (0 to 100%) is set solely by PWM registers D1 PWM to D9
PWM.
07 D2 CONTROL to 0E D9 CONTROL
•
The control registers and control bits for D2 output to D9 output are similar to that given to D1, see previous
06 – Bit [5] and 06 – Bits [4:0].
16 D1 PWM
•
This is the PWM duty cycle control for D1 output. D1 PWM register is effective during direct control operation;
direct PWM control is active after power up by default. Note: serial bus address auto increment is not
supported for register addresses from 16 to 1E.
–
16 — Bits [7:0] PWM
–
These bits set the D1 output PWM as shown in Figure 23. Note: if the temperature compensation is
active, the maximum PWM duty cycle is 50% at 25°C. This is required to allow enough headroom for
temperature compensation over the temperature range
−40°C to +90°C.
Figure 23. Direct PWM Control Bits vs PWM Duty Cycle
17 D2 PWM to 1E D9 PWM
•
PWM duty cycle control for outputs D2 to D9. The control registers and control bits for D2 output to D9 output
are similar to that given to D1.
26 D1 CURRENT CONTROL
•
D1 LED driver output current control register. The resolution is 8-bits and step size is 100 μA.
CURRENT bits
OUTPUT CURRENT (TYPICAL)
00000000
0.0 mA
00000001
0.1 mA
00000010
0.2 mA
...
...
10101111
17.5 mA default setting
....
....
11111110
25.4 mA
11111111
25.5 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com