Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LP5523TM/NOPB Arkusz danych(PDF) 5 Page - Texas Instruments

Numer części LP5523TM/NOPB
Szczegółowy opis  LP5523 Nine-Channel RGB- and White-LED Driver With Internal Program Memory and Integrated Charge Pump – DSBGA Package
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments

LP5523TM/NOPB Arkusz danych(HTML) 5 Page - Texas Instruments

  LP5523TM/NOPB Datasheet HTML 1Page - Texas Instruments LP5523TM/NOPB Datasheet HTML 2Page - Texas Instruments LP5523TM/NOPB Datasheet HTML 3Page - Texas Instruments LP5523TM/NOPB Datasheet HTML 4Page - Texas Instruments LP5523TM/NOPB Datasheet HTML 5Page - Texas Instruments LP5523TM/NOPB Datasheet HTML 6Page - Texas Instruments LP5523TM/NOPB Datasheet HTML 7Page - Texas Instruments LP5523TM/NOPB Datasheet HTML 8Page - Texas Instruments LP5523TM/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 61 page
background image
5
LP5523
www.ti.com
SNVS550E – SEPTEMBER 2009 – REVISED JANUARY 2017
Product Folder Links: LP5523
Submit Documentation Feedback
Copyright © 2009–2017, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see Semiconductor and IC Package Thermal Metrics.
(2)
Junction-to-ambient thermal resistance is highly application and board-layout dependent. In applications where high maximum power
dissipation exists, special care must be paid to thermal dissipation issues in board design.
6.4 Thermal Information
THERMAL METRIC(1)
LP5523
UNIT
YFQ (DSBGA)
25 PINS
RθJA
(2)
Junction-to-ambient thermal resistance
60.9
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
0.4
°C/W
RθJB
Junction-to-board thermal resistance
9.9
°C/W
ψJT
Junction-to-top characterization parameter
0.2
°C/W
ψJB
Junction-to-board characterization parameter
10.0
°C/W
(1)
The Electrical Characteristics tables list ensured specifications under Recommended Operating Conditions except as otherwise modified
or specified by the Electrical Characteristics conditions and/or notes. Typical specifications are estimations only and are not ensured.
(2)
All voltages are with respect to the potential at the GND pin.
(3)
Minimum and maximum limits are ensured by design, test, or statistical analysis.
(4)
Low-ESR surface-mount ceramic capacitors (MLCCs) used in setting electrical characteristics.
6.5 Electrical Characteristics
Unless otherwise noted: typical limits are for TA = 25°C; minimum and maximum limits apply over the operating ambient
temperature range (
−30°C < TA < +85°C), specifications apply to the Functional Block Diagram with: VDD = 3.6 V, VEN = 1.65
V, COUT = 1 µF, CIN = 1 µF, C1–2 = 0.47 µF.
(1) (2) (3) (4)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IVDD
Standby supply current
VEN = 0V, CHIP_EN=0 (bit),
external 32-kHz clock running or not
running
0.2
µA
CHIP_EN=0 (bit), external 32 kHz
clock not running
1
µA
CHIP_EN=0 (bit), external 32 kHz
clock running
1.4
µA
Normal mode supply current
External 32-kHz clock running,
charge pump and current source
outputs disabled
0.6
mA
Charge pump in 1× mode, no load,
current source outputs disabled
0.8
mA
Charge pump in 1.5× mode, no
load, current source outputs
disabled
1.8
mA
Power-save mode supply current
External 32-kHz clock running
10
µA
Internal oscillator running
0.6
mA
ƒOSC
Internal oscillator frequency accuracy
–4%
4%
–7%
7%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com