Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LP5523TM/NOPB Arkusz danych(PDF) 52 Page - Texas Instruments

Numer części LP5523TM/NOPB
Szczegółowy opis  LP5523 Nine-Channel RGB- and White-LED Driver With Internal Program Memory and Integrated Charge Pump – DSBGA Package
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments

LP5523TM/NOPB Arkusz danych(HTML) 52 Page - Texas Instruments

Back Button LP5523TM/NOPB Datasheet HTML 48Page - Texas Instruments LP5523TM/NOPB Datasheet HTML 49Page - Texas Instruments LP5523TM/NOPB Datasheet HTML 50Page - Texas Instruments LP5523TM/NOPB Datasheet HTML 51Page - Texas Instruments LP5523TM/NOPB Datasheet HTML 52Page - Texas Instruments LP5523TM/NOPB Datasheet HTML 53Page - Texas Instruments LP5523TM/NOPB Datasheet HTML 54Page - Texas Instruments LP5523TM/NOPB Datasheet HTML 55Page - Texas Instruments LP5523TM/NOPB Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 61 page
background image
LP5523
D2
D3
D6
D1
VOUT
COUT
1 PF
C2
0.47 PF
ASEL0
ASEL1
GND
MCU
SCL
SDA
EN
CLK
TRIG
INT
CIN
1 PF
VIN
VDD
C1
0.47 PF
C1+ C1- C2+ C2-
GPO
D5
D4
D9
D8
D7
VIBRAP
H-DRIVER
INA
INB
OUTA
OUTB
VDD
VIBRAN
240R/100 MHz
FERRITE
1 nF
1 nF
TRIG FROM
SCREEN
CONTROLLER
100 k:
100 k:
APPLICATION
PROCESSOR
CONTROL
(OPTIONAL)
{
3.6V
3.6V
2.8V
4.2V
4.5V
VDD
VOUT
TIME (2 ms/DIV)
3.6V
2.8V
3.6V
4.2V
VDD
VOUT
TIME (2 ms/DIV)
52
LP5523
SNVS550E – SEPTEMBER 2009 – REVISED JANUARY 2017
www.ti.com
Product Folder Links: LP5523
Submit Documentation Feedback
Copyright © 2009–2017, Texas Instruments Incorporated
8.2.1.3 Application Curves
6 LEDs at 1 mA ,100% PWM
Figure 27. Line Transient and Charge-Pump Automatic
Gain Change (1.5× To 1×)
6 LEDs at 1 mA ,100% PWM
Figure 28. Line Transient and Charge-Pump Automatic
Gain Change (1× To 1.5×)
8.2.2 Driving Haptic Feedback with LP5523
Figure 29. Example Schematic – Vibra Motor
Figure 29 depicts an example schematic for LP5523 driving a vibra motor. A vibra motor can be used for haptic
feedback with touch screens and also for normal vibra operation (call indication, etc.). Battery-powered D8 and
D9 outputs are used for controlling the H-driver (Microchip TC442x-series or equivalent), which drives the vibra
motor. (The remaining outputs D1 to D7 can be used for LED driving, of course.) With H-driver the rotation
direction of the vibra motor can be changed. For vibra operation user can load several programs to the LP5523
program memory in order to get interesting vibration effects, with changing frequency, ramps, etc.
If the application processor has controls for a vibra motor they can be connected to H-Driver INA and INB as
shown in Figure 29. In this case the vibra can be controlled directly with application processor and also with
LP5523. If application processor control is not needed, then the 100-k
Ω resistors should be connected to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com