Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LP5523TM/NOPB Arkusz danych(PDF) 44 Page - Texas Instruments

Numer części LP5523TM/NOPB
Szczegółowy opis  LP5523 Nine-Channel RGB- and White-LED Driver With Internal Program Memory and Integrated Charge Pump – DSBGA Package
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments

LP5523TM/NOPB Arkusz danych(HTML) 44 Page - Texas Instruments

Back Button LP5523TM/NOPB Datasheet HTML 40Page - Texas Instruments LP5523TM/NOPB Datasheet HTML 41Page - Texas Instruments LP5523TM/NOPB Datasheet HTML 42Page - Texas Instruments LP5523TM/NOPB Datasheet HTML 43Page - Texas Instruments LP5523TM/NOPB Datasheet HTML 44Page - Texas Instruments LP5523TM/NOPB Datasheet HTML 45Page - Texas Instruments LP5523TM/NOPB Datasheet HTML 46Page - Texas Instruments LP5523TM/NOPB Datasheet HTML 47Page - Texas Instruments LP5523TM/NOPB Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 61 page
background image
44
LP5523
SNVS550E – SEPTEMBER 2009 – REVISED JANUARY 2017
www.ti.com
Product Folder Links: LP5523
Submit Documentation Feedback
Copyright © 2009–2017, Texas Instruments Incorporated
7.6.5 LED Mapping Instructions
These instructions define the engine-to-LED mapping. The mapping information is stored in a table, which is
stored in the SRAM (program memory of the LP5523). LP5523 has three program execution engines which can
be mapped to 9 LED drivers or to one GPO pin. One engine can control one or multiple LED drivers. There are
totally eleven instructions for the engine-to-LED-driver control: mux_ld_start, mux_map_start, mux_ld_end,
mux_sel,
mux_clr,
mux_map_next,
mux_map_prev,
mux_ld_next,
mux_ld_prev,
mux_ld_addr
and
mux_map_addr.
MUX_LD_START; MUX_LD_END
Mux_ld_start and mux_ld_end define the mapping table location in the memory.
NAME
VALUE (d)
DESCRIPTION
SRAM address
0-95
Mapping table start/end address
MUX_MAP_START
Mux_map_start defines the mapping table start address in the memory, and the first row of the table is activated
(mapped) at the same time.
NAME
VALUE (d)
DESCRIPTION
SRAM address
0-95
Mapping table start address
MUX_SEL
With mux_sel instruction one, and only one, LED driver (or the GPO-pin) can be connected to a program
execution engine. Connecting multiple LEDs to one engine is done with the mapping table. After the mapping
has been released from an LED, PWM register value still controls the LED brightness. If the mapping is released
from the GPO pin, serial bus control takes over the GPO state.
NAME
VALUE (d)
DESCRIPTION
LED select
0-16
0 = no drivers selected
1 = LED1 selected
2 = LED2 selected
...
9 = LED9 selected
16 = GPO
MUX_CLR
Mux_clr clears engine-to-driver mapping. After the mapping has been released from an LED, the PWM register
value still controls the LED brightness. If the mapping is released from the GPO pin, serial bus control takes over
the GPO state.
MUX_MAP_NEXT
This instruction sets the next row active in the mapping table each time it is called. For example, if the 2nd row is
active at this moment, after mux_map_next instruction call the 3rd row is active. If the mapping table end
address is reached, activation rolls to the mapping table start address next time when the mux_map_next
instruction is called. Engine does not push a new PWM value to the LED driver output before set_pwm or ramp
instruction is executed. If the mapping has been released from an LED, the value in the PWM register still
controls the LED brightness. If the mapping is released from the GPO pin, serial bus control takes over the GPO
state.
MUX_LD_NEXT
Similar than the mux_map_next instruction, but only the index pointer is set to point to the next row; that is, no
mapping is set, and the engine-to-LED-driver connection is not updated.
MUX_MAP_PREV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com