Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LP5523TM/NOPB Arkusz danych(PDF) 12 Page - Texas Instruments

Numer części LP5523TM/NOPB
Szczegółowy opis  LP5523 Nine-Channel RGB- and White-LED Driver With Internal Program Memory and Integrated Charge Pump – DSBGA Package
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments

LP5523TM/NOPB Arkusz danych(HTML) 12 Page - Texas Instruments

Back Button LP5523TM/NOPB Datasheet HTML 8Page - Texas Instruments LP5523TM/NOPB Datasheet HTML 9Page - Texas Instruments LP5523TM/NOPB Datasheet HTML 10Page - Texas Instruments LP5523TM/NOPB Datasheet HTML 11Page - Texas Instruments LP5523TM/NOPB Datasheet HTML 12Page - Texas Instruments LP5523TM/NOPB Datasheet HTML 13Page - Texas Instruments LP5523TM/NOPB Datasheet HTML 14Page - Texas Instruments LP5523TM/NOPB Datasheet HTML 15Page - Texas Instruments LP5523TM/NOPB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 61 page
background image
12
LP5523
SNVS550E – SEPTEMBER 2009 – REVISED JANUARY 2017
www.ti.com
Product Folder Links: LP5523
Submit Documentation Feedback
Copyright © 2009–2017, Texas Instruments Incorporated
7.3 Feature Description
7.3.1 Programming
The LP5523 provides flexibility and programmability for dimming and sequencing control. Each LED can be
controlled directly and independently through the serial bus, or LED drivers can be grouped together for pre-
programmed flashing patterns.
The LP5523 has three independent program execution engines, so it is possible to form three independently
programmable LED banks. LED drivers can be grouped based on their function so that, for example, the first
bank of drivers can be assigned to the keypad illumination, the second bank to the funlights, and the third group
to the indicator LED(s).
Each bank can contain 1 to 9 LED driver outputs. Instructions for program execution engines are stored in the
program memory. The total amount of the program memory is 96 instructions, and the user can allocate the
memory as required by the engines.
7.3.2 LED Error Detection
The LP5523 has built-in LED error detection. Error detection does not only detect open and short circuit, but
provides an opportunity to measure the VF of the LEDs. The test event is activated by a serial interface write, and
the results can be read through the serial interface during the next cycle. This feature can also be addressed to
measure the voltage on VDD, VOUT, and INT pins. Typical example usage includes monitoring battery voltage
or using INT pin as a light sensor interface.
7.3.3 Energy Efficiency
When charge-pump automatic mode selection is enabled, the LP5523 monitors the voltage over the drivers of D1
to D6 so that the device can select the best charge-pump gain and maintain good efficiency over the whole
operating voltage range. The red LED element of an RGB LED typically has a forward voltage of about 2 V. For
that reason, the outputs D7, D8, and D9 are internally powered by VDD, since battery voltage is high enough to
drive red LEDs over the whole operating voltage range. This allows the driving of three RGB LEDs with good
efficiency because the red LEDs do not load the charge pump. The LP5523 is able to automatically enter power-
save mode when LED outputs are not active, thus lowering idle current consumption down to 10 µA (typical).
Also, during the down time of the PWM cycle (constant current output status is low), additional power savings
can be achieved when the PWM Powersave feature is enabled.
7.3.4 Temperature Compensation
The luminance of an LED is typically a function of its temperature even though the current flowing through the
LED remains constant. Because luminance is temperature dependent, many LED applications require some form
of temperature compensation to decrease luminance and color purity variations due to temperature changes. The
LP5523 has a built-in temperature-sensing element, and PWM duty cycle of the LED drivers changes linearly in
relationship to changes in temperature. User can select the slope of the graph (31 slopes) based on the LED
characteristics (see Figure 13). This compensation can be done either constantly, or only right after the device
wakes up from power-save mode, to avoid error due to self-heating of the device. Linear compensation is
considered to be practical and accurate enough for most LED applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com