Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LP5523TM/NOPB Arkusz danych(PDF) 39 Page - Texas Instruments

Numer części LP5523TM/NOPB
Szczegółowy opis  LP5523 Nine-Channel RGB- and White-LED Driver With Internal Program Memory and Integrated Charge Pump – DSBGA Package
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments

LP5523TM/NOPB Arkusz danych(HTML) 39 Page - Texas Instruments

Back Button LP5523TM/NOPB Datasheet HTML 35Page - Texas Instruments LP5523TM/NOPB Datasheet HTML 36Page - Texas Instruments LP5523TM/NOPB Datasheet HTML 37Page - Texas Instruments LP5523TM/NOPB Datasheet HTML 38Page - Texas Instruments LP5523TM/NOPB Datasheet HTML 39Page - Texas Instruments LP5523TM/NOPB Datasheet HTML 40Page - Texas Instruments LP5523TM/NOPB Datasheet HTML 41Page - Texas Instruments LP5523TM/NOPB Datasheet HTML 42Page - Texas Instruments LP5523TM/NOPB Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 61 page
background image
39
LP5523
www.ti.com
SNVS550E – SEPTEMBER 2009 – REVISED JANUARY 2017
Product Folder Links: LP5523
Submit Documentation Feedback
Copyright © 2009–2017, Texas Instruments Incorporated
•
74H — Bit [7] GPO
–
See description above for ENG1 MAPPING register.
•
74H — Bit [0] D9
–
See description above for ENG1 MAPPING register.
75H ENG3 MAPPING LSB
•
75H — Bit [7] D8 to Bit [0] D1
–
See previous description for ENG1 MAPPING register.
76H GAIN_CHANGE_CTRL
•
With hysteresis and timer bits the user can optimize the charge pump performance to better meet the
requirements of the application at hand. Some applications need to be optimized for efficiency and others
need to be optimized for minimum EMI, for example.
•
76H - Bits[7:6] THRESHOLD
–
Threshold voltage (typical) pre-setting. Bits set the threshold voltage at which the charge-pump gain
changes from 1.5× to 1×. The threshold voltage is defined as the voltage difference between highest
voltage output (D1 to D6) and input voltage VDD: VTHRESHOLD = VDD – MAX(voltage on D1 to D6).
–
If VTHRESHOLD is larger than the set value (100 mV to 400 mV), the charge pump is in 1× mode.
–
00 = 400 mV
–
01 = 300 mV
–
10 = 200 mV
–
11 = 100 mV
–
NOTE
Values above are typical and should not be used as product-specification.
NOTE
Writing to threshold [7:6] bits by the user overrides factory settings. Factory settings aren't
user-accessible.
•
76H - Bit [5] ADAPTIVE_TRESH_EN
–
–
1 = Adaptive threshold enabled.0 = Adaptive threshold disabled.
–
0 = Adaptive threshold disabled.
Gain-change hysteresis prevents the mode from toggling back and forth (1× -> 1.5× -> 1x...) , which would
cause ripple on VIN and LED flicker. When the adaptive threshold is enabled, the width of the hysteresis
region depends on the choice of threshold bits (see above), saturation of the current sources, charge
pump load current, PWM overlap and temperature.
•
76H - Bits [4:3] TIMER
•
A forced mode change from 1.5× to 1× is attempted at the interval specified with these bits. Mode change is
allowed if there is enough voltage over the LED drivers to ensure proper operation. Set FORCE_1x to 1 (see
following 76H - Bit [2] FORCE_1x) to activate this feature.
–
00 = 5 ms
–
01 = 10 ms
–
10 = 50 ms
–
11 = infinite. The charge pump switches gain from 1× mode to 1.5× mode only. The gain reset back to 1×
is enabled under certain conditions, for example in the powersave mode.
•
•
Activates forced mode change. In forced mode, charge pump mode change from 1.5× to 1× is attempted at
the constant interval specified with the TIMER bits.
–
1 = forced-mode changes enabled
–
0 = forced-mode changes disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com