Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LP5523TMX/NOPB Arkusz danych(PDF) 18 Page - Texas Instruments

Numer części LP5523TMX/NOPB
Szczegółowy opis  LP5523 Nine-Channel RGB- and White-LED Driver With Internal Program Memory and Integrated Charge Pump – DSBGA Package
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments

LP5523TMX/NOPB Arkusz danych(HTML) 18 Page - Texas Instruments

Back Button LP5523TMX/NOPB Datasheet HTML 14Page - Texas Instruments LP5523TMX/NOPB Datasheet HTML 15Page - Texas Instruments LP5523TMX/NOPB Datasheet HTML 16Page - Texas Instruments LP5523TMX/NOPB Datasheet HTML 17Page - Texas Instruments LP5523TMX/NOPB Datasheet HTML 18Page - Texas Instruments LP5523TMX/NOPB Datasheet HTML 19Page - Texas Instruments LP5523TMX/NOPB Datasheet HTML 20Page - Texas Instruments LP5523TMX/NOPB Datasheet HTML 21Page - Texas Instruments LP5523TMX/NOPB Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 61 page
background image
LP5523 INPUT
CURRENT 1 mA/DIV
PWM POWERSAVE
ENABLED
INPUT CURRENT ~50 éA
DURING PWM
POWERSAVE
LED CURRENT 5 mA/DIV
TIME 1 ms/DIV
18
LP5523
SNVS550E – SEPTEMBER 2009 – REVISED JANUARY 2017
www.ti.com
Product Folder Links: LP5523
Submit Documentation Feedback
Copyright © 2009–2017, Texas Instruments Incorporated
Device Functional Modes (continued)
7.4.1.1 Automatic Power-Save Mode
Automatic power-save mode is enabled when POWERSAVE_EN bit in register address 36H is 1. Almost all
analog blocks are powered down in power-save if an external clock signal is used. Only the charge-pump
protection circuits remain active. However, if the internal clock has been selected, only charge pump and LED
drivers are disabled during the power save; the digital part of the LED controller needs to stay active. In both
cases the charge pump enters the weak 1× mode. In this mode the charge pump utilizes a passive current
limited keep-alive switch, which keeps the output voltage at the battery level. During the program execution
LP5523 can enter power save if there is no PWM activity in any of the LED driver outputs. To prevent short
power-save sequences during program execution, LP5523 has an instruction look-ahead filter. During program
execution engine 1, engine 2 and engine 3 instructions are constantly analyzed, and if there are time intervals of
more than 50 ms in length with no PWM activity on LED driver outputs, the device enters power save. In power-
save mode program execution continues uninterrupted. When an instruction that requires PWM activity is
executed, a fast internal-startup sequence is started automatically.
7.4.1.2 PWM Power-Save Mode
PWM cycle power-save mode is enabled when register 36 bit [2] PWM_PS_EN is set to 1. In PWM power-save
mode analog blocks are powered down during the "down time" of the PWM cycle. Which blocks are powered
down depends whether the external or internal clock is used. While the Automatic Power-Save Mode (see
above) saves energy when there is no PWM activity at all, the PWM power-save mode saves energy during
PWM cycles. Like the automatic power-save mode, PWM power-save mode also works during program
execution. Figure 18 shows the principle of the PWM power-save technique. An LED on D9 output is driven at
50% PWM, 5-mA current (top waveform). After PWM Power-save enable, the LED-current remains the same, but
the LP5523 input current drops down to an approximately 50-µA level when the LED is OFF, or to an
approximately 200-µA level when the charge-pump-powered output(s) are used.
Figure 18. PWM Power-Save Principle; External Clock, VDD = 3.6 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com