Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LP5523TMX/NOPB Arkusz danych(PDF) 37 Page - Texas Instruments

Numer części LP5523TMX/NOPB
Szczegółowy opis  LP5523 Nine-Channel RGB- and White-LED Driver With Internal Program Memory and Integrated Charge Pump – DSBGA Package
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments

LP5523TMX/NOPB Arkusz danych(HTML) 37 Page - Texas Instruments

Back Button LP5523TMX/NOPB Datasheet HTML 33Page - Texas Instruments LP5523TMX/NOPB Datasheet HTML 34Page - Texas Instruments LP5523TMX/NOPB Datasheet HTML 35Page - Texas Instruments LP5523TMX/NOPB Datasheet HTML 36Page - Texas Instruments LP5523TMX/NOPB Datasheet HTML 37Page - Texas Instruments LP5523TMX/NOPB Datasheet HTML 38Page - Texas Instruments LP5523TMX/NOPB Datasheet HTML 39Page - Texas Instruments LP5523TMX/NOPB Datasheet HTML 40Page - Texas Instruments LP5523TMX/NOPB Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 61 page
background image
40
90
140
190
RESULT (DEC)
5
4
3
2
1
0
37
LP5523
www.ti.com
SNVS550E – SEPTEMBER 2009 – REVISED JANUARY 2017
Product Folder Links: LP5523
Submit Documentation Feedback
Copyright © 2009–2017, Texas Instruments Incorporated
Figure 24. LED Test Results vs Measured Voltage
45 ENGINE1 VARIABLE A
•
45 — Bits [7:0] VARIABLE FOR ENGINE1
–
These bits are used for Engine 1 local variable. Read-only register.
46 ENGINE2 VARIABLE A
•
46 — Bits [7:0] VARIABLE FOR ENGINE2
–
These bits are used for Engine 2 local variable. Read-only register.
47 ENGINE3 VARIABLE A
•
47 — Bits [7:0] VARIABLE FOR ENGINE3
–
These bits are used for Engine 3 local variable. Read-only register.
48 MASTER FADER1
•
48 — Bits [7:0] MASTER_FADER
–
An 8-bit register to control all the LED-drivers mapped to MASTER FADER1. Master fader allows the user
to control dimming of multiple LEDS with a single serial bus write. This is a faster method to control the
dimming of multiple LEDs compared to the dimming done with the PWM registers (address 16H to 1EH),
which would need multiple writes.
49 MASTER FADER2
•
49 — Bits [7:0] MASTER_FADER
–
An 8-bit register to control all the LED-drivers mapped to MASTER FADER2. See MASTER FADER1
description.
4A MASTER FADER3
•
4A — Bits [7:0] MASTER_FADER
–
An 8-bit register to control all the LED-drivers mapped to MASTER FADER3. See MASTER FADER1
description.
4C ENG1 PROG START ADDR
•
Program memory allocation for program execution engines is defined with PROG START ADDR registers.
–
4C — Bits [6:0] — ADDR
–
Engine 1 program start address.
4D ENG2 PROG START ADDR
•
4D — Bits [6:0] — ADDR
–
Engine 2 program start address.
4E ENG3 PROG START ADDR
•
4E — Bits [6:0] — ADDR
–
Engine 3 program start address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com