Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LP5523TMX/NOPB Arkusz danych(PDF) 31 Page - Texas Instruments

Numer części LP5523TMX/NOPB
Szczegółowy opis  LP5523 Nine-Channel RGB- and White-LED Driver With Internal Program Memory and Integrated Charge Pump – DSBGA Package
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments

LP5523TMX/NOPB Arkusz danych(HTML) 31 Page - Texas Instruments

Back Button LP5523TMX/NOPB Datasheet HTML 27Page - Texas Instruments LP5523TMX/NOPB Datasheet HTML 28Page - Texas Instruments LP5523TMX/NOPB Datasheet HTML 29Page - Texas Instruments LP5523TMX/NOPB Datasheet HTML 30Page - Texas Instruments LP5523TMX/NOPB Datasheet HTML 31Page - Texas Instruments LP5523TMX/NOPB Datasheet HTML 32Page - Texas Instruments LP5523TMX/NOPB Datasheet HTML 33Page - Texas Instruments LP5523TMX/NOPB Datasheet HTML 34Page - Texas Instruments LP5523TMX/NOPB Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 61 page
background image
31
LP5523
www.ti.com
SNVS550E – SEPTEMBER 2009 – REVISED JANUARY 2017
Product Folder Links: LP5523
Submit Documentation Feedback
Copyright © 2009–2017, Texas Instruments Incorporated
04 OUTPUT ON/OFF CONTROL MSB
•
04 — Bit [0] D9_ON
–
1 = D9 output ON.
–
0 = D9 output OFF.
–
Note: Engine mapping overrides this control.
05 OUTPUT ON/OFF CONTROL MSB
•
05 — Bit [7] D8_ON
–
1 = D8 output ON.
–
0 = D8 output OFF.
–
Note: Engine mapping over rides this control.
•
05 — Bit [0] D1_ON to Bit [6] D7_ON
–
The options for D1 output to D7 output are the same as above — see the “05 — Bit [7]” section.
06 D1 CONTROL
This is the register used to assign the D1 output to the MASTER FADER group 1, 2, or 3, or none of them. Also,
this register sets the correction factor for the D1 output temperature compensation and selects between linear
and logarithmic PWM brightness adjustment. By using logarithmic PWM-scale the visual effect looks like linear.
When the logarithmic adjustment is enabled, the device handles internal PWM values with 12-bit resolution. This
allows very fine-grained PWM control at low PWM duty cycles.
•
06 — Bit [7:6] MAPPING
–
00 = no master fader set, clears master fader set for D1. Default setting.
–
01 = MASTER FADER1 controls the D1 output.
–
10 = MASTER FADER2 controls the D1 output.
–
11 = MASTER FADER3 controls the D1 output.
–
The duty cycle on D1 output is the D1 PWM register value (address 16H) multiplied with the value in the
MASTER FADER register.
•
06 — Bit [5] LOG_EN
–
–
0 = linear adjustment.
–
1 = logarithmic adjustment.
–
This bit is effective for both the program execution engine control and direct PWM control.
•
06 — Bit [4:0] TEMP_COMP
–
The reference temperature is 25°C (that is, the temperature at which the compensation has no effect) and
the correction factor (slope) can be set in 0.1% 1/°C steps to any value between
−1.5% 1/°C and +1.5%
1/°C, with a default to 0.0% 1/°C.
TEMP_COMP BITS
CORRECTION FACTOR (%)
00000
Not activated - default setting after reset.
11111
−1.5 1/°C
11110
−1.4 1/°C
...
...
10001
−0.1 1/°C
10000
0 1/°C
00001
+0.1 1/°C
...
...
01110
+1.4 1/°C
01111
+1.5 1/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com