Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LP5523TMX/NOPB Arkusz danych(PDF) 23 Page - Texas Instruments

Numer części LP5523TMX/NOPB
Szczegółowy opis  LP5523 Nine-Channel RGB- and White-LED Driver With Internal Program Memory and Integrated Charge Pump – DSBGA Package
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments

LP5523TMX/NOPB Arkusz danych(HTML) 23 Page - Texas Instruments

Back Button LP5523TMX/NOPB Datasheet HTML 19Page - Texas Instruments LP5523TMX/NOPB Datasheet HTML 20Page - Texas Instruments LP5523TMX/NOPB Datasheet HTML 21Page - Texas Instruments LP5523TMX/NOPB Datasheet HTML 22Page - Texas Instruments LP5523TMX/NOPB Datasheet HTML 23Page - Texas Instruments LP5523TMX/NOPB Datasheet HTML 24Page - Texas Instruments LP5523TMX/NOPB Datasheet HTML 25Page - Texas Instruments LP5523TMX/NOPB Datasheet HTML 26Page - Texas Instruments LP5523TMX/NOPB Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 61 page
background image
23
LP5523
www.ti.com
SNVS550E – SEPTEMBER 2009 – REVISED JANUARY 2017
Product Folder Links: LP5523
Submit Documentation Feedback
Copyright © 2009–2017, Texas Instruments Incorporated
Register Maps (continued)
Table 3. Control Register Map (continued)
HEX
ADDRESS
REGISTER NAME
BIT(s)
READ/
WRITE
DEFAULT VALUE
AFTER RESET
BIT MNEMONIC AND DESCRIPTION
05
OUTPUT ON/OFF
CONTROL LSB
[7]
R/W
1xxxxxxx
D8_ON
ON/OFF control for D8 output
[6]
R/W
x1xxxxxx
D7_ON
ON/OFF control for D7 output
[5]
R/W
xx1xxxxx
D6_ON
ON/OFF control for D6 output
[4]
R/W
xxx1xxxx
D5_ON
ON/OFF control for D5 output
[3]
R/W
xxxx1xxx
D4_ON
ON/OFF control for D4 output
[2]
R/W
xxxxx1xx
D3_ON
ON/OFF control for D3 output
[1]
R/W
xxxxxx1x
D2_ON
ON/OFF control for D2 output
[0]
R/W
xxxxxxx1
D1_ON
ON/OFF control for D1 output
06
D1 CONTROL
[7:6]
R/W
00xxxxxx
MAPPING
Mapping for D1 output
[5]
R/W
xx0xxxxx
LOG_EN
Logarithmic dimming control for D1
[4:0]
R/W
xxx00000
TEMP COMP
Temperature compensation control for D1 output
07
D2 CONTROL
[7:6]
R/W
00xxxxxx
MAPPING
Mapping for D2 output
[5]
R/W
xx0xxxxx
LOG_EN
Logarithmic dimming control for D2 output
[4:0]
R/W
xxx00000
TEMP COMP
Temperature compensation control for D2 output
08
D3 CONTROL
[7:6]
R/W
00xxxxxx
MAPPING
Mapping for D3 output
[5]
R/W
xx0xxxxx
LOG_EN
Logarithmic dimming control for D3 output
[4:0]
R/W
xxx00000
TEMP COMP
Temperature compensation control for D3 output
09
D4 CONTROL
[7:6]
R/W
00xxxxxx
MAPPING
Mapping for D4 output
[5]
R/W
xx0xxxxx
LOG_EN
Logarithmic dimming control for D4 output
[4:0]
R/W
xxx00000
TEMP COMP
Temperature compensation control for D4 output
0A
D5 CONTROL
[7:6]
R/W
00xxxxxx
MAPPING
Mapping for D5 ouput
[5]
R/W
xx0xxxxx
LOG_EN
Logarithmic dimming control for D5 output
[4:0]
R/W
xxx00000
TEMP COMP
Temperature compensation control for D5
0B
D6 CONTROL
[7:6]
R/W
00xxxxxx
MAPPING
Mapping for D6 output
[5]
R/W
xx0xxxxx
LOG_EN
Logarithmic dimming control for D6 output
[4:0]
R/W
xxx00000
TEMP COMP
Temperature compensation control for D6 output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com