Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LP5523TMX/NOPB Arkusz danych(PDF) 42 Page - Texas Instruments

Numer części LP5523TMX/NOPB
Szczegółowy opis  LP5523 Nine-Channel RGB- and White-LED Driver With Internal Program Memory and Integrated Charge Pump – DSBGA Package
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments

LP5523TMX/NOPB Arkusz danych(HTML) 42 Page - Texas Instruments

Back Button LP5523TMX/NOPB Datasheet HTML 38Page - Texas Instruments LP5523TMX/NOPB Datasheet HTML 39Page - Texas Instruments LP5523TMX/NOPB Datasheet HTML 40Page - Texas Instruments LP5523TMX/NOPB Datasheet HTML 41Page - Texas Instruments LP5523TMX/NOPB Datasheet HTML 42Page - Texas Instruments LP5523TMX/NOPB Datasheet HTML 43Page - Texas Instruments LP5523TMX/NOPB Datasheet HTML 44Page - Texas Instruments LP5523TMX/NOPB Datasheet HTML 45Page - Texas Instruments LP5523TMX/NOPB Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 61 page
background image
42
LP5523
SNVS550E – SEPTEMBER 2009 – REVISED JANUARY 2017
www.ti.com
Product Folder Links: LP5523
Submit Documentation Feedback
Copyright © 2009–2017, Texas Instruments Incorporated
(1)
Valid for numerical operands.
(2)
Valid for variables.
Programming ramps with variables is very similar to programming ramps with numerical operands. The only
difference is that step time and number of increments are captured from variable registers, when the instruction
execution is started. If the variables are updated after starting the instruction execution, it has no effect on
instruction execution. Again, at each ramp step the output is incremented/decremented by one unless increment
is 0. Time span for one step is defined with prescale and step time bits. Step time is defined with variable A, B, C
or D. Variables A, B and C are set with ld-instruction. Variable D is a global variable and can be set by writing the
VARIABLE register (address 3C). LED TEST ADC register (address 42) can be used as a source for the variable
D, as well. Note: Variable A is the only local variable that can be read throughout the serial bus. Of course, the
variable stored in 3CH can be read (and written) as well.
Setting register 06H, 07H, or 08H bit LOG_EN high/low sets logarithmic (1) or linear ramp (0). By using the
logarithmic ramp setting the visual effect appears like a linear ramp, because the human eye behaves in a
logarithmic way.
NAME
VALUE (d)
DESCRIPTION
prescale
0
Divides master clock (32.7 kHz) by 16 = 2048 Hz -> 0.488 ms cycle time
1
Divides master clock (32.7 kHz) by 512 = 64 Hz -> 15.625 ms cycle time
sign
0
Increase PWM output
1
Decrease PWM output
step time(1)
1 - 31
One ramp increment done in (step time) × (prescale).
# of
increments(1)
0 - 255
The number of increment/decrement cycles. Note: Value 0 takes the same time as increment by 1, but
it is the wait instruction.
step time(2)
0 - 3
One ramp increment done in (step time) × (prescale).
Step time is loaded with the value (5 LSB bits) of the variable defined below.
0 = local variable A
1 = local variable B
2 = global variable C
3 = register address 3CH variable D value, or register address 42H value.
The value of the variable should be from 00001b to 11111b (1d to 31d) for correct operation.
# of
increments(2)
0 - 3
The number of increment/decrement cycles. Value is taken from variable following defined:
0 = local variable A
1 = local variable B
2 = global variable C
3 = register address 3CH variable D value, or register address 42H value.
7.6.4.2 Ramp Instruction Application Example
Suppose that the LED dimming is controlled according to the linear scale and effective PWM value at the
moment t = 0 is 140d (approximately 55%), as shown in Figure 25, and goal is to reach a PWM value of 148d
(approximately 58%) at the moment t = 1.5 s. The parameters for the RAMP instruction are:
•
Prescale = 1
→ 15.625 ms cycle time
•
Step time = 12
→ step time span is 12 × 15.625 ms = 187.5 ms
•
Sign = 0
→ increase PWM output
•
# of increments = 8
→ take 8 steps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com